Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB212503EL Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFB212503EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212503EL Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFB212503EL Datasheet HTML 1Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 2Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 3Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 4Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 5Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 6Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 7Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 8Page - Infineon Technologies AG PTFB212503EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PTFB212503EL
PTFB212503FL
Data Sheet
5 of 14
Rev. 07.1, 2016-06-15
16
17
18
19
35
40
45
50
55
Output Power (dBm)
CW Performance
Gain vs. Output Power
VDD = 30 V, ƒ = 2170 MHz
IDQ = 1.85 A
IDQ = 2.11 A
IDQ = 1.30 A
0
10
20
30
40
50
60
-80
-70
-60
-50
-40
-30
-20
33 35 37 39 41 43 45 47 49 51
Output Power (dBm)
Single-carrier WCDMA
VDD = 30 V, IDQ = 1.85 A ƒ = 2170 MHz, 3GPP
WCDMA, PAR = 8.5 dB, BW 3.84 MHz
IM3
Efficiency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
45
50
55
60
1960
2020
2080
2140
2200
2260
2320
Frequency (MHz)
Single-carrier WCDMA, 3GGP Broadband
VDD = 30 V, IDQ = 1.85 A, POUT = 63 W
Gain
Efficiency
RL
IM3
0
10
20
30
40
50
60
15
16
17
18
19
20
21
35
40
45
50
55
Output Power (dBm)
CW Performance
VDD = 30 V, IDQ = 1.85 A, ƒ = 2170 MHz
+25°C
+85° C
–10° C
Efficiency
Gain
Typical Performance (cont.)


Similar Part No. - PTFB212503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
More results

Similar Description - PTFB212503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com