Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB212503EFL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFB212503EFL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB212503EFL Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFB212503EFL Datasheet HTML 1Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 2Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 3Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 4Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 5Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 6Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 7Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 8Page - Infineon Technologies AG PTFB212503EFL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 14
Rev. 07.1, 2016-06-15
PTFB212503EL
PTFB212503FL
0
5
10
15
20
25
30
35
40
-55
-50
-45
-40
-35
-30
-25
-20
-15
32
34
36
38
40
42
44
46
48
50
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 30 V, IDQ = 1.85 A, ƒ = 2170 MHz,
3GPP signal, PAR = 8 dB,
10 MHz carrier spacing, BW 3.84 MHz
ACPR
IMD Low
IMD Up
Efficiency
RF Characteristics
Two-carrier WCDMA Specifications (not subject to production test—verified by design/characterization in Infineon test
fixture)
VDD = 30 V, IDQ = 1.85 A, POUT = 55 W average, ƒ1 = 2160 MHz, ƒ2 = 2170 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18.0
dB
Drain Efficiency
hD
31
%
Intermodulation Distortion
IMD
–33
dBc
Description
The PTFB212503EL and PTFB212503FL are 240-watt
LDMOS FETs intended for use in multi-standard cellular power
amplifier applications in the 2110 to 2170 MHz frequency band.
Features include input and output matching, high gain, wide
signal bandwidth and reduced memory effects for unparalleled
DPD correctability. Manufactured with Infineon's advanced
LDMOS process, these devices provide excellent thermal
performance and superior reliability.
PTFB212503EL
Package H-33288-6
Features
• Broadbandinternalinputandoutputmatching
• EnhancedforuseinDPDerrorcorrectionsystems
• Widevideobandwidth
• Typicalsingle-carrierWCDMAperformanceat2170MHz,
30 V, IDQ = 1.85 A, 3GPP signal, channel bandwidth =
3.84 MHz, PAR = 7.5 dB @ 0.01% CCDF
- Average output power = 49.4 dBm
- Linear gain = 18 dB
- Efficiency = 37%
- Intermodulation distortion = –33 dBc
• TypicalCWperformance,2170MHz,30V
- Output power at P1dB = 240 W
- Efficiency = 54 %
• Increasednegativegate-sourcevoltagerangefor
improved performance in Doherty peaking amplifiers
• IntegratedESDprotection:HumanBodyModel,Class2
(minimum)
• Capableofhandling10:1VSWR@30V,240W(CW)
output power
• Pb-free,RoHS-compliant
PTFB212503FL
Package H-34288-4/2
Thermally-Enhanced High Power RF LDMOS FETs
240 W, 2110 – 2170 MHz


Similar Part No. - PTFB212503EFL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
More results

Similar Description - PTFB212503EFL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA212401E INFINEON-PTFA212401E Datasheet
495Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110 ??2170 MHz
Rev. 04, 2009-10-05
PTFB212503EL INFINEON-PTFB212503EL Datasheet
978Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 2110-2170 MHz
Rev. 07, 2010-11-04
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA210601E INFINEON-PTFA210601E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 60 W, 2110 ??2170 MHz
Rev. 03, 2007-11-19
PTFA212001E INFINEON-PTFA212001E Datasheet
402Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 2110 ??2170 MHz
Rev. 05.1, 2009-02-24
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
logo
Cree, Inc
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com