Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB213004FV2R250 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB213004FV2R250
Description  High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB213004FV2R250 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB213004FV2R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 10Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 11Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 12Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 13Page - Infineon Technologies AG PTFB213004FV2R250 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
10 of 16
Rev. 05.3, 2016-06-15
PTFB213004F
Reference Circuit (cont.)
Electrical Characteristics at 2170 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Input
TL152
0.070 λ, 8.03 W
W = 11.430, L = 5.359
W = 450, L = 211
TL153
0.018 λ, 63.89 W
W = 0.762, L = 1.524
W = 30, L = 60
TL154
0.016 λ, 17.20 W
W = 4.826, L = 1.270
W = 190, L = 50
TL155
0.060 λ, 49.69 W
W = 1.168, L = 5.022
W = 46, L = 198
TL156
0.002 λ, 49.69 W
W = 1.168, L = 0.203
W = 46, L = 8
TL157
0.015 λ, 49.69 W
W1 = 1.168, W2 = 1.168, W3 = 1.270
W1 = 46, W2 = 46, W3 = 50
TL158
0.027 λ, 28.85 W
W1 = 2.540, W2 = 2.540, W3 = 2.159
W1 = 100, W2 = 100, W3 = 85
TL159, TL162
0.013 λ, 8.03 W
W1 = 11.430, W2 = 11.430, W3 = 1.016
W1 = 450, W2 = 450, W3 = 40
TL160, TL161
0.018 λ, 63.89 W
W1 = 0.762, W2 = 0.762, W3 = 1.524
W1 = 30, W2 = 30, W3 = 60
TL163, TL164
0.004 λ, 63.89 W
W = 0.762, L = 0.330
W = 30, L = 13
TL165, TL171
W1 = 0.011, W2 = 0.003, Offset = 0.005
W1 = 11, W2 = 100, Offset = 200
TL166
W1 = 0.005, W2 = 0.011, Offset = 0.003
W1 = 5, W2 = 450, Offset = 130
TL167
W1 = 0.000, W2 = 0.000, W3 = 0.000
W1 = 0, W2 = 1, W3 = 1
TL168
0.000 λ, 148.22 W
W1 = 0.013, W2 = 0.013, W3 = 0.013
W1 = 1, W2 = 1, W3 = 1
TL169
0.000 λ, 102.05 W
W = 0.254, L = 0.025
W = 10, L = 1
TL170
0.000 λ, 47.12 W
W = 1.270, L = 0.025
W = 50, L = 1
See next page for reference circuit output characteristics


Similar Part No. - PTFB213004FV2R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
More results

Similar Description - PTFB213004FV2R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB213004F CREE-PTFB213004F Datasheet
528Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
Tyco Electronics
MAPLST2122-030CF MACOM-MAPLST2122-030CF Datasheet
162Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 30W, 28V
MAPLST2122-060CF MACOM-MAPLST2122-060CF Datasheet
172Kb / 5P
   RF Power Field Effect Transistor LDMOS, 2110 - 2170 MHz, 60W, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com