Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFB213208FVV1R250 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # PTFB213208FVV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB213208FVV1R250 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button PTFB213208FVV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 9Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 10Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 11Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 12Page - Infineon Technologies AG PTFB213208FVV1R250 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet – DRAFT ONLY
11 of 13
Rev. 02, 2012-07-03
PTFB213208FV
Confidential, Limited Internal Distribution
Component ID
Description
Suggested Supplier
P/N
Input
C101, C102, C104
Chip capacitor, 300 pF
ATC
ATC100B301KW200X
C103, C108
Chip capacitor, 20 pF
ATC
ATC100B200KW500X
C105
Capacitor, 1 nF
Digi-Key
PCC1772CT-ND
C106
Capacitor, 1 nF
Digi-Key
PCC1772CT-ND
C107
Chip capacitor, 6.2 pF
ATC
ATC100B6R2CT500X
C109
Chip capacitor, 6.2 pF
ATC
ATC100B6R2CT500X
C801, C802, C803
Capacitor, 1000 pF
Digi-Key
PCC1772CT-ND
R101, R102, R103
Resistor, 5.6
Ω
Digi-Key
P5.6ECT-ND
R104, R105, R106
Resistor, 5.6
Ω
Digi-Key
P5.6ECT-ND
R107
Resistor, 1k
Ω
Digi-Key
P1.0KECT-ND
Output
C201
Chip capacitor, 10 pF
ATC
ATC100B100FW500XB
C202
Chip capacitor, 10 pF
ATC
ATC100B100FW500XB
C203
Capacitor, 100 nF
Digi-Key
PCE3718CT-ND
C204, C216
Capacitor, 10 nF
Digi-Key
TPSE106K050R0400
C205
Capacitor, 10 nF
Digi-Key
587-1818-2-ND
C206, C214
Chip capacitor, 1 nF
Digi-Key
445-1411-2-ND
C207, C213
Chip capacitor, 2.2 nF
Digi-Key
445-1447-2-ND
C208
Chip capacitor, 0.4 pF
ATC
ATC100B0R4BW500XB
C209, C210
Chip capacitor, 0.8 pF
ATC
ATC100B0R8BW500XB
C211, C212
Chip capacitor, 1.3 pF
ATC
ATC100B1R3BW500XB
C217
Capacitor, 100 nF
Digi-Key
PCE3718CT-ND
Reference circuit assembly diagram (not to scale)
10
μF
10 μF
S1
C801
VDD
C211
C109
R105
R103
C102
R101
R106
C104
C105
RF_IN
S3
C106
R802
C108
R104
C107
R102
R803
VDD
C103
C110
R801
C210
C101
R04350, .020 (60)
C206
C803
C213
C802
C209
C212
C208
C217
C201
C204
C206
C207
C218
R04350, 020 (60)
C215
C214
VDD
C203
C217
C202
RF_OUT
b 213020f sv
- v 1_C D _3- 1 4- 2012
S2
PTFB213208_IN_02
PTFB213208_OUT_02
Reference Circuit (cont.)


Similar Part No. - PTFB213208FVV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
More results

Similar Description - PTFB213208FVV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
logo
Infineon Technologies A...
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
logo
Infineon Technologies A...
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
logo
WOLFSPEED, INC.
PXAD214218FV WOLFSPEED-PXAD214218FV Datasheet
524Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
logo
Infineon Technologies A...
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
logo
Cree, Inc
PXFE211507FC CREE-PXFE211507FC Datasheet
587Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com