Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6720-27-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6720-27-EVALZ
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF6720-27-EVALZ Datasheet HTML 1Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 2Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 3Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 4Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Wideband Quadrature Modulator with
Integrated Fractional-N PLL and VCOs
Data Sheet
ADRF6720-27
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I/Q modulator with integrated fractional-N PLL
RF output frequency range: 400 MHz to 3000 MHz
Internal LO frequency range: 356.25 MHz to 2855 MHz
Output P1dB: 10.8 dBm at 2140 MHz
Output IP3: 31.1 dBm at 2140 MHz
Carrier feedthrough: −44.3 dBm at 2140 MHz
Sideband suppression: −40.8 dBc at 2140 MHz
Noise floor: −159.5 dBm/Hz at 2140 MHz
Baseband 1 dB modulation bandwidth: >1000 MHz
Baseband input bias level: 2.68 V
Power supply: 3.3 V/425 mA
Integrated RF tunable balun allowing single-ended RF output
Multicore integrated VCOs
HD3/IP3 optimization
Sideband suppression and carrier feedthrough optimization
High-side/low-side LO injection
Programmable via 3-wire serial port interface (SPI)
40-lead 6 mm × 6 mm LFCSP
APPLICATIONS
2G/3G/4G/LTE broadband communication systems
Microwave point-to-point radios
Satellite modems
Military/aerospace
Instrumentation
GENERAL DESCRIPTION
The ADRF6720-27 is a wideband quadrature modulator with an
integrated synthesizer ideally suited for 3G and 4G com-
munication systems. The ADRF6720-27 consists of a high
linearity broadband modulator, an integrated fractional-N
phase-locked loop (PLL), and four low phase noise multicore
voltage controlled oscillators (VCOs).
The ADRF6720-27 local oscillator (LO) signal can be generated
internally via the on-chip integer-N and fractional-N synthesizers,
or externally via a high frequency, low phase noise LO signal.
The internal integrated synthesizer enables LO coverage from
356.25 MHz to 2855 MHz using the multicore VCOs. In the
case of internal LO generation or external LO input, quadrature
signals are generated with a divide by 2 phase splitter. When the
ADRF6720-27 is operated with an external 1 × LO input, a
polyphase filter generates the quadrature inputs to the mixer.
The ADRF6720-27 offers digital programmability for carrier
feedthrough optimization, sideband suppression, HD3/IP3
optimization, and high-side or low-side LO injection.
The ADRF6720-27 is fabricated using an advanced silicon-
germanium BiCMOS process. It is available in a 40-lead,
RoHS-compliant, 6 mm × 6 mm LFCSP package with an
exposed pad. Performance is specified over the −40°C to +85°C
temperature range.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
VPOSx
I+
GND
CS
ADRF6720-27
REFIN
LDO
VCO
LDO
2.5V
SERIAL
PORT
INTERFACE
LO NULLING
DAC
LO NULLING
DAC
V TO I
V TO I
PHASE
CORRECTION
PHASE
CORRECTION
ENBL
9
8
4
3
40
35
30
26
22
17
27
18
19
15
14
13
31
28
12
11
6
39
CP 36
32
2
5
7
10 16 20 23 25 29 37 38
33
34
LOOUT+
LOOUT–
SCLK
SDIO
DECL3
DECL2
DECL1
I–
Q–
Q+
VTUNE
LOIN+
LOIN–
24
RFOUT
POLYPHASE
FILTER
QUAD
DIVIDER
PLL


Similar Part No. - ADRF6720-27-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720-EVALZ AD-ADRF6720-EVALZ Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
More results

Similar Description - ADRF6720-27-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
logo
STMicroelectronics
STW81200 STMICROELECTRONICS-STW81200 Datasheet
3Mb / 58P
   Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
January 2016 Rev 7
logo
Analog Devices
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
STMicroelectronics
STUW81300 STMICROELECTRONICS-STUW81300 Datasheet
1Mb / 63P
   Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
March 2022 Rev 7
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
Analog Devices
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com