Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFC260202FCV1R0 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PTFC260202FCV1R0
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFC260202FCV1R0 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PTFC260202FCV1R0 Datasheet HTML 1Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 2Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 3Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 4Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 5Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 6Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 7Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 8Page - Infineon Technologies AG PTFC260202FCV1R0 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet
2 of 9
Rev. 03.3, 2016-06-21
PTFC260202FC
DC Characteristics (singleside)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-SourceBreakdownVoltage
VGS=0V,IDS=10mA
V(BR)DSS
65
V
DrainLeakageCurrent
VDS=28V,VGS=0V
IDSS
1
µA
VDS=63V,VGS=0V
IDSS
10
µA
On-StateResistance
VGS=10V,VDS=0.1V
RDS(on)
0.05
W
OperatingGateVoltage
VDS=28V,IDQ = 1.35A
VGS
2.3
2.8
3.3
V
GateLeakageCurrent
VGS=10V,VDS=0V
IGSS
1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-SourceVoltage
VDSS
65
V
Gate-SourceVoltage
VGS
–6to+10
V
OperatingVoltage
VDD
0to+32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE=70°C,25WCW)
RqJC
2.2
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTFC260202FCV1R0
PTFC260202FCV1R0XTMA1
H-37248-4,earlessflange
Tape&Reel,50pcs
PTFC260202FCV1R250
PTFC260202FCV1R250XTMA1
H-37248-4,earlessflange
Tape&Reel,250pcs


Similar Part No. - PTFC260202FCV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC260202FC CREE-PTFC260202FC Datasheet
519Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
More results

Similar Description - PTFC260202FCV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC260202FC CREE-PTFC260202FC Datasheet
519Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
logo
Infineon Technologies A...
PTFC261402FC INFINEON-PTFC261402FC Datasheet
231Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
Rev. 05, 2016-06-21
PTFC262157FH INFINEON-PTFC262157FH Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
Rev. 03.1, 2016-06-21
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
logo
Cree, Inc
PXAC261212FC CREE-PXAC261212FC Datasheet
557Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
logo
Infineon Technologies A...
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
logo
Infineon Technologies A...
PXAC261212FC INFINEON-PXAC261212FC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
Rev. 02.2, 2016-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com