Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFC260202FC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFC260202FC
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFC260202FC Datasheet(HTML) 7 Page - Infineon Technologies AG

  PTFC260202FC Datasheet HTML 1Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 2Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 3Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 4Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 5Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 6Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 7Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 8Page - Infineon Technologies AG PTFC260202FC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PTFC260202FC
Data Sheet
7 of 9
Rev. 03.3, 2016-06-21
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101,C105,C106,C109
Chipcapacitor,15pF
ATC
ATC800A150GT250X
C102,C108
Capacitor,220000pF
Digi-Key
445-1814-2-ND
C103,C107
Chipcapacitor,10µF
Digi-Key
587-1818-2-ND
C104
Chipcapacitor,1.2pF
ATC
ATC800A1R2GT250X
R101, R102
Resistor, 10 W
Digi-Key
P10ECT-ND
R103, R104
Resistor, 4.7 W
Digi-Key
P4.7ECT-ND
Output
C201,C205
Chipcapacitor,15pF
ATC
ATC800A150GT250X
C202,C206
Chipcapacitor,1.6pF
ATC
ATC800A1R6BT250X
C203,C207
Chipcapacitor,1pF
ATC
ATC800A1R0BT250X
C204,C210
Chipcapacitor,10µF
Digi-Key
587-1818-2-ND
C208,C209
Capacitor,100µF
Digi-Key
P5571-ND
R201
Resistor, 100 W
Digi-Key
CR11206T0100J
Reference Circuit(cont.)
Reference Circuit Assembly
DUT
PTFC260202FC
TestFixturePartNo.
LTN/PTFC260202FC
PCB
Rogers4350,0.508 mm [0.020”] thick, 2 oz. copper, εr=3.66,ƒ=2680MHz
FindGerberfilesforthistestfixtureontheInfineonWebsiteathttp://www.infineon.com/rfpower
Pinout Diagram (topview)
Lead connections for PTFC260202FC
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1
D2
Drain Device 2
G1
Gate Device 1
G2
Gate Device 2
S
Source(flange)


Similar Part No. - PTFC260202FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC260202FC CREE-PTFC260202FC Datasheet
519Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
More results

Similar Description - PTFC260202FC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFC260202FC CREE-PTFC260202FC Datasheet
519Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
logo
Infineon Technologies A...
PTFC261402FC INFINEON-PTFC261402FC Datasheet
231Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
Rev. 05, 2016-06-21
PTFC262157FH INFINEON-PTFC262157FH Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
Rev. 03.1, 2016-06-21
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
logo
Cree, Inc
PXAC261212FC CREE-PXAC261212FC Datasheet
557Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
logo
Infineon Technologies A...
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
logo
Infineon Technologies A...
PXAC261212FC INFINEON-PXAC261212FC_16 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
Rev. 02.2, 2016-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com