Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA3020 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part No. TA3020
Description  Stereo 300W (4Ω) Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA3020 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TA3020 Datasheet HTML 1Page - Tripath Technology Inc. TA3020 Datasheet HTML 2Page - Tripath Technology Inc. TA3020 Datasheet HTML 3Page - Tripath Technology Inc. TA3020 Datasheet HTML 4Page - Tripath Technology Inc. TA3020 Datasheet HTML 5Page - Tripath Technology Inc. TA3020 Datasheet HTML 6Page - Tripath Technology Inc. TA3020 Datasheet HTML 7Page - Tripath Technology Inc. TA3020 Datasheet HTML 8Page - Tripath Technology Inc. TA3020 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TE CH NI C A L IN F O RM A T I O N
4
TA3020, Rev 2.1, 01.01
Performance Characteristics – Single Ended
TA = 25
°C. Unless otherwise noted, the supply voltage is VPP=|VNN|=45V, the input frequency is
1kHz and the measurement bandwidth is 20kHz. See Application/Test Circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(continuous RMS/Channel)
THD+N = 0.1%, RL = 8
RL = 4
THD+N = 1%,
RL = 8
RL = 4
100
190
120
220
W
W
W
W
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 50W/Channel, RL = 8
0.02
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF), RL = 8
POUT = 30W/Channel
0.03
%
SNR
Signal-to-Noise Ratio
A Weighted, RL = 4
Ω,
POUT = 275W/Channel
102
dB
CS
Channel Separation
0dBr = 30W, RL = 8
Ω, f = 1kHz
97
dB
η
Power Efficiency
POUT = 150W/Channel, RL = 8
95
%
AV
Amplifier Gain
POUT = 10W/Channel, RL = 4
See Application / Test Circuit
TBD
V/V
AVERROR
Channel to Channel Gain Error
POUT = 10W/Channel, RL = 4
See Application / Test Circuit
0.5
dB
eNOUT
Output Noise Voltage
A Weighted, no signal, input shorted,
DC offset nulled to zero
260
µV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TK2350 STEREO 300W 4 OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2075A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TDA2125A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  Tripath Technology Inc.
TA0104A STEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2020-020 Stereo 20W 4Ω Class-T Digital Audio Amplifier using Digital Power Processing Technology 1  2  3  4  5  More Tripath Technology Inc.
TDA1400 MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2070 STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn