Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA3020 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part No. TA3020
Description  Stereo 300W (4Ω) Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA3020 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TA3020 Datasheet HTML 1Page - Tripath Technology Inc. TA3020 Datasheet HTML 2Page - Tripath Technology Inc. TA3020 Datasheet HTML 3Page - Tripath Technology Inc. TA3020 Datasheet HTML 4Page - Tripath Technology Inc. TA3020 Datasheet HTML 5Page - Tripath Technology Inc. TA3020 Datasheet HTML 6Page - Tripath Technology Inc. TA3020 Datasheet HTML 7Page - Tripath Technology Inc. TA3020 Datasheet HTML 8Page - Tripath Technology Inc. TA3020 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TE CH NI C A L IN F O RM A T I O N
2
TA3020, Rev 2.1, 01.01
Absolute Maximum Ratings (Note 1)
SYMBOL
PARAMETER
Value
UNITS
VPP, VNN
Supply Voltage
+/- 70
V
V5
Positive 5 V Bias Supply
Voltage at Input Pins (pins 12-16, 18, 19-26, 29-33, 37)
6
-0.3V to (V5+0.3V)
V
VN10
Voltage for FET drive
VNN+13
V
TSTORE
Storage Temperature Range
-55º to 150º
C
TA
Operating Free-air Temperature Range (Note 2)
-40º to 85º
C
TJ
Junction Temperature
150º
C
ESDHB
ESD Susceptibility – Human Body Model (Note 3)
All pins
TBD
V
ESDMM
ESD Susceptibility – Machine Model (Note 4)
All pins
TBD
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: This is a target specification. Characterization is still needed to validate this temperature range.
Note 3: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 4: Machine model, 220pF – 240pF discharged through all pins.
Operating Conditions (Note 5)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VPP, VNN
Supply Voltage
+/- 15
+/-45
+/- 65
V
V5
Positive 5 V Bias Supply
4.5
5
5.5
V
VN10
Voltage for FET drive (Volts above VNN)
9
10
12
V
Note 5: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TK2350 STEREO 300W 4 OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2075A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TDA2125A STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  Tripath Technology Inc.
TA0104A STEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2020-020 Stereo 20W 4Ω Class-T Digital Audio Amplifier using Digital Power Processing Technology 1  2  3  4  5  More Tripath Technology Inc.
TDA1400 MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2070 STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn