Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2041AFJ Datasheet(PDF) 9 Page - Rohm

Part # BD2041AFJ
Description  1.0A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2041AFJ Datasheet(HTML) 9 Page - Rohm

Back Button BD2041AFJ_14 Datasheet HTML 5Page - Rohm BD2041AFJ_14 Datasheet HTML 6Page - Rohm BD2041AFJ_14 Datasheet HTML 7Page - Rohm BD2041AFJ_14 Datasheet HTML 8Page - Rohm BD2041AFJ_14 Datasheet HTML 9Page - Rohm BD2041AFJ_14 Datasheet HTML 10Page - Rohm BD2041AFJ_14 Datasheet HTML 11Page - Rohm BD2041AFJ_14 Datasheet HTML 12Page - Rohm BD2041AFJ_14 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BD2041AFJ
BD2051AFJ
0.0
1.0
2.0
3.0
4.0
5.0
2
3
4
5
6
Ta=25°C
Typical Performance Curves – continued
Figure 19. Output Rise Time vs
Ambient Temperature
Figure 18. Output Rise Time vs Supply Voltage
Figure 16. Output Current at Short vs Supply Voltage
Figure 17. Output Current at Short vs
Ambient Temperature
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
Ta=25°C
Supply Voltage : VIN [V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature : Ta[°C]
Supply Voltage : VIN [V]
Ambient Temperature : Ta[°C]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
VIN=5.0V
9/22
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Aug.2014 Rev.002
TSZ02201-0E3E0H300290-1-2


Similar Part No. - BD2041AFJ_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2041AFJ_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2226G ROHM-BD2226G_14 Datasheet
930Kb / 26P
   1.0A Current Limit High Side Switch ICs
BD2051AFJ-E2 ROHM-BD2051AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com