Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADPD2212 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD2212
Description  Low Noise, High Sensitivity Optical Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD2212 Datasheet HTML 2Page - Analog Devices ADPD2212 Datasheet HTML 3Page - Analog Devices ADPD2212 Datasheet HTML 4Page - Analog Devices ADPD2212 Datasheet HTML 5Page - Analog Devices ADPD2212 Datasheet HTML 6Page - Analog Devices ADPD2212 Datasheet HTML 7Page - Analog Devices ADPD2212 Datasheet HTML 8Page - Analog Devices ADPD2212 Datasheet HTML 9Page - Analog Devices ADPD2212 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADPD2212
Rev. 0 | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PWDN
Power-Down Input. Must be connected. Pull this pin high to disable the device.
2
VCC
Supply Voltage.
3
NIC
Not Internally Connected. This pin can be grounded.
4
OUT
Output Terminal.
5
GND
Ground.
6
NIC
Not Internally Connected. This pin can be grounded.
7
NIC
Not Internally Connected. This pin can be grounded.
8
NIC
Not Internally Connected. This pin can be grounded.
9
NIC
Not Internally Connected. This pin can be grounded.
10
NIC
Not Internally Connected. This pin can be grounded.
11
EPAD
Exposed Pad. The exposed pad must be left floating. The printed circuit board (PCB) area under the exposed pad
can be left blank to facilitate this requirement.
ADPD2212
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. THE EXPOSED PAD MUST BE LEFT FLOATING.
THE PCB AREA UNDER THE EXPOSED PAD
CAN BE LEFT BLANK TO FACILITATE
THIS REQUIREMENT.
1
PWDN
2
VCC
3
NIC
4
OUT
5
GND
10 NIC
9
NIC
8
NIC
7
NIC
6
NIC
+


Similar Part No. - ADPD2212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-R7 AD-ADPD2210ACPZ-R7 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2210ACPZ-RL AD-ADPD2210ACPZ-RL Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
More results

Similar Description - ADPD2212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2214 AD-ADPD2214 Datasheet
477Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
logo
MultiDimension Technolo...
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
   High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
   Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
   High-Sensitivity Optical Power Sensors
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
TAITIEN ELECTRONICS CO....
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
   100MHz Low Noise/Low G-Sensitivity OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com