Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA101K02EVV1R250XTMA1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTVA101K02EVV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA101K02EVV1R250XTMA1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTVA101K02EVV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA101K02EVV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PTVA101K02EV
Data Sheet
4 of 9
Rev. 02.1, 2016-04-19
0
10
20
30
40
50
60
2
6
10
14
18
22
26
30
35
40
45
50
55
60
65
POUT (dBm)
Power Sweep, Pulsed RF, Vdd vs
Gain&Eff
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
128µs, 10% D.C, ƒ = 1030 MHz
30 V
35 V
40 V
45 V
50 V
Efficiency
Gain
a101k02ev_1-5
Typical RF Performance (tested with LTN/PTVA101K02EV E6 test fixture, 1090 MHz)
2
6
10
14
18
22
26
20
24
28
32
36
40
44
48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
ƒ = 1090 MHz
128µs, 10%
128µs, 1%
Gain
a101k02ev_1-4
0
10
20
30
40
50
60
70
2
6
10
14
18
22
26
30
30
35
40
45
50
55
60
65
POUT (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
ƒ = 1090 MHz
128µs, 10%
128µs, 1%
Gain
Efficiency
a101k02ev_1-3
Typical RF Performance (cont.) (tested with LTN/PTVA101K02EV V1 test fixture, 1030 MHz)


Similar Part No. - PTVA101K02EVV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
WOLFSPEED, INC.
PTVA101K02EV WOLFSPEED-PTVA101K02EV Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
PTVA101K02EV-V1-R0 WOLFSPEED-PTVA101K02EV-V1-R0 Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
PTVA101K02EV-V1-R250 WOLFSPEED-PTVA101K02EV-V1-R250 Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
More results

Similar Description - PTVA101K02EVV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PTVA101K02EV WOLFSPEED-PTVA101K02EV Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
STMicroelectronics
RF5L10111K0CB4 STMICROELECTRONICS-RF5L10111K0CB4 Datasheet
1Mb / 12P
   1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor
September 2021 Rev 2
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
logo
Infineon Technologies A...
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com