Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA042502ECV1R250XTMA1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTVA042502ECV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA042502ECV1R250XTMA1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTVA042502ECV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA042502ECV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PTVA042502EC
PTVA042502FC
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 10
Rev. 03.1, 2016-04-19
Thermally-Enhanced High Power RF LDMOS FET
250 W, 50 V, 470 – 806 MHz
Description
The PTVA042502EC and PTVA042502FC LDMOS FETs are designed
for use in power amplifier applications in the 470 MHz to 806 MHz
frequency band. Features include high gain and thermally-enhanced
package with bolt-down or earless flanges. Manufactured with Infineon's
advanced LDMOS process, these devices provide excellent thermal per-
formance and superior reliability.
PTVA042502FC
Package H-37248-4
Features
• Input matched
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/
ESDA/JEDEC JS-001)
• Low thermal resistance
• RoHS compliant
• Capable of withstanding a 10:1 VSWR at 55W
average power under DVB-T signal condition
RF Characteristics
DVB-T (8K OFDM, 64QAM) Characteristics (tested in Infineon test fixture)
VDD = 50 V, IDQ = 800 mA, ƒ = 806 MHz, input PAR = 10.5 dB (unclipped), output PAR = 7.8 dB @ 0.01% CCDF probability
Characteristic
Symbol
Min
Typ
Max
Unit
Average Output Power
POUT
55
W
Gain
Gps
17.5
19
dB
Drain Efficiency
hD
23
25.5
%
Adjacent Channel Power Ratio
ACPR
–29.5
–25
dBc
(ACPR integrated over 200 KHz BW at + 4.3 MHz offset from center frequency)
PTVA042502EC
Package H-36248-4
-33
-31
-29
-27
-25
-23
10
15
20
25
30
35
450 500 550 600 650 700 750 800 850
Frequency (MHz)
DVB-T Performance
Efficiancy, Gain and
IMD3 Shoulder vs Frequency
VDD = 50 V, IDQ = 800 mA, POUT = 55 W avg
Efficiency
Gain
IMD Shoulder
ptva042502fc_g1
ACPR


Similar Part No. - PTVA042502ECV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA042502EC CREE-PTVA042502EC Datasheet
560Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 250 W, 50 V, 470 - 806 MHz
More results

Similar Description - PTVA042502ECV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA042502EC CREE-PTVA042502EC Datasheet
560Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 250 W, 50 V, 470 - 806 MHz
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
logo
WOLFSPEED, INC.
PTVA047002EV WOLFSPEED-PTVA047002EV Datasheet
423Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
Rev. 05, 2018-08-20
logo
Infineon Technologies A...
PTFA043002E INFINEON-PTFA043002E Datasheet
305Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Rev. 03.1, 2009-02-20
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com