Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA030121EAV1R250XTMA1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTVA030121EAV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA030121EAV1R250XTMA1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTVA030121EAV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTVA030121EAV1R250XTMA1 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTVA030121EA
Data Sheet
6 of 10
Rev. 05.1, 2016-04-19
Electrical Characteristics at 450 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Output
TL201, TL202
0.005 l, 45.29 W
W = 2.03, L = 2.04
W = 80, L = 81
TL203
0.006 l, 38.92 W
W = 2.54, L = 2.54
W = 100, L = 100
TL206, TL207
0.029 l, 38.92 W
W = 2.54, L = 11.43
W = 100, L = 450
TL209
0.009 l, 38.92 W
W = 2.54, L = 3.56
W = 100, L = 140
TL210
0.018 l, 78.46 W
W = 0.76, L = 7.62
W = 30, L = 300
TL211
0.002 l, 25.11 W
W1 = 4.57, W2 = 4.57, W3 = 0.76
W1 = 180, W2 = 180, W3 = 30
TL212
0.003 l, 25.11 W
W = 4.57, L = 1.27
W = 180, L = 50
TL214
0.004 l, 25.11 W
W = 4.57, L = 1.52
W = 180, L = 60
TL215
0.010 l, 23.09 W
W = 5.08, L = 3.81
W = 200, L = 150
TL216
0.013 l, 16.51 W
W = 7.62, L = 5.08
W = 300, L = 200
TL217
0.018 l, 52.21 W
W = 1.63, L = 7.29
W = 64, L = 287
TL219
0.006 l, 52.21 W
W = 1.63, L = 2.41
W = 64, L = 95
TL222
0.006 l, 38.92 W
W = 2.54, L = 2.54
W = 100, L = 100
TL226
0.018 l, 52.21 W
W = 1.63, L = 7.34
W = 64, L = 289
TL227
0.002 l, 52.21 W
W = 1.63, L = 0.84
W = 64, L = 33
TL228
0.006 l, 52.21 W
W = 1.63, L = 2.30
W = 64, L = 91
TL229
0.006 l, 52.21 W
W = 1.63, L = 2.41
W = 64, L = 95
TL234
0.005 l, 27.14 W
W = 4.14, L = 2.12
W = 163, L = 84
TL235
0.014 l, 34.38 W
W = 3.02, L = 5.51
W = 119, L = 2 17
TL240
0.026 l, 61.53 W
W = 1.23, L = 10.63
W = 48, L = 419
TL241
0.010 l, 38.92 W
W1 = 2.54, W2 2.54, W3 = 4.14
W1 = 100, W2 = 100, W3 = 163
Reference Circuit (cont.)


Similar Part No. - PTVA030121EAV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
logo
WOLFSPEED, INC.
PTVA030121EA WOLFSPEED-PTVA030121EA Datasheet
394Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 – 450 MHz
Rev. 06, 2018-06-13
PTVA030121EA-V1-R0 WOLFSPEED-PTVA030121EA-V1-R0 Datasheet
394Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 – 450 MHz
Rev. 06, 2018-06-13
PTVA030121EA-V1-R250 WOLFSPEED-PTVA030121EA-V1-R250 Datasheet
394Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 – 450 MHz
Rev. 06, 2018-06-13
More results

Similar Description - PTVA030121EAV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
logo
WOLFSPEED, INC.
PTVA030121EA WOLFSPEED-PTVA030121EA Datasheet
394Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 – 450 MHz
Rev. 06, 2018-06-13
logo
Cree, Inc
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
logo
Infineon Technologies A...
PTVA035002EV INFINEON-PTVA035002EV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
logo
Infineon Technologies A...
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com