Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA101K02EV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTVA101K02EV
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA101K02EV Datasheet(HTML) 8 Page - Infineon Technologies AG

  PTVA101K02EV Datasheet HTML 1Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 2Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 3Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 4Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 5Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 6Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 7Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 8Page - Infineon Technologies AG PTVA101K02EV Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PTVA101K02EV
Data Sheet
8 of 9
Rev. 02.1, 2016-04-19
Package Outline Specifications
Package H-36275-4
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/rfpower
S
35.56
[1.400]
4X 11.68
[.460]
CL
D1
G1
D2
2X 45° X 1.19
[45° X .047]
10.16
[.400]
9.144
[.360]
C
L
C
2x 2.03
[.080]
REF
13.72
[.540]
16.612±0.500
[.654±.020]
2X R1.59
[R.062]
3.23±0.51
[.127±.020]
8X R0.51+0.13
-0.51
[R.020+.005
-.020 ]
G2
L
C
L
41.15
[1.620]
31.242±0.280
[1.230±.011]
1.63
[.064]
2.13
[.084] SPH
[
C
L
C
L
C
L
4.58+0.25
-0.13
.180 +.010
-.005 ]
H-36275-4_po_01_10-22-2012
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D1, D2 – drains; G1, G2 – gates; S – source.
5. Lead thickness: 0.127 ±0.051 mm [0.005 ±0.002 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].


Similar Part No. - PTVA101K02EV

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
WOLFSPEED, INC.
PTVA101K02EV WOLFSPEED-PTVA101K02EV Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
PTVA101K02EV-V1-R0 WOLFSPEED-PTVA101K02EV-V1-R0 Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
PTVA101K02EV-V1-R250 WOLFSPEED-PTVA101K02EV-V1-R250 Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
More results

Similar Description - PTVA101K02EV

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PTVA101K02EV WOLFSPEED-PTVA101K02EV Datasheet
511Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
STMicroelectronics
RF5L10111K0CB4 STMICROELECTRONICS-RF5L10111K0CB4 Datasheet
1Mb / 12P
   1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor
September 2021 Rev 2
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
logo
Infineon Technologies A...
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com