Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA123501FCV1R250XTMA1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTVA123501FCV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA123501FCV1R250XTMA1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTVA123501FCV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA123501FCV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PTVA123501EC
PTVA123501FC
Data Sheet
4 of 14
Rev. 05.1, 2016-04-26
Typical RF Performance (data taken in production test fixture)
20
30
40
50
60
70
80
30
35
40
45
50
55
60
30
32
34
36
38
40
42
PIN (dBm)
Power Sweep, Pulsed RF
IDQ = 150 mA, VDD = 50 V, TCASE = 25°C,
300 µs pulse width, 12% duty cycle
1200 MHz
1300 MHz
1400 MHz
Output Power
Efficiency
a123501ec_g1-1
12
13
14
15
16
17
18
30
32
34
36
38
40
42
PIN (dBm)
Power Sweep, Pulsed RF
IDQ = 150 mA, VDD = 50 V, TCASE = 25°C,
300 µs pulse width, 12% duty cycle
1200 MHz
1300 MHz
1400 MHz
Gain
a123501ec_g1-2
50
55
60
65
70
14
15
16
17
18
1150 1200 1250 1300 1350 1400 1450
Frequency (MHz)
Pulsed RF Performance
IDQ = 150 mA, VDD = 50 V, POUT = 350 W,
300 µs pulse width, 12% duty cycle
Efficiency
Gain
a123501ec_g1-3
-20
-18
-16
-14
-12
0
0.05
0.1
0.15
0.2
1100
1200
1300
1400
1500
Frequency (MHz)
Pulsed RF Performance
IDQ = 150 mA, VDD = 50 V, POUT = 350 W,
300 µs pulse width, 12% duty cycle
Power Droop
IRL
a123501ec_g1-4


Similar Part No. - PTVA123501FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA123501EC INFINEON-PTVA123501EC Datasheet
412Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2014-06-26
logo
Cree, Inc
PTVA123501EC CREE-PTVA123501EC Datasheet
753Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA123501EFC INFINEON-PTVA123501EFC Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-07-07
PTVA123501EFC INFINEON-PTVA123501EFC_15 Datasheet
1Mb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 05, 2015-07-07
More results

Similar Description - PTVA123501FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA123501EC CREE-PTVA123501EC Datasheet
753Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 1200 ??1400 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
logo
Infineon Technologies A...
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
GTVA123501FA CREE-GTVA123501FA Datasheet
285Kb / 4P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 350 W, 50 V, 1200 ??1400 MHz
logo
STMicroelectronics
STAC1214-350 STMICROELECTRONICS-STAC1214-350 Datasheet
330Kb / 12P
   350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
August 2020 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com