Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA104501EHV1R0XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTVA104501EHV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA104501EHV1R0XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTVA104501EHV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA104501EHV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
5 of 9
Rev. 02.1, 2016-04-19
PTVA104501EH
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Load Pull at Max POUT Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 200 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff
[%]
ZOUT
[W]
960
1.35 – j0.70
43.30
57.83
606.74
14.53
54.90
1.29 – j1.37
1030
0.99 – j0.78
42.14
57.62
578.10
15.48
50.96
1.02 – j1.43
1090
1.24 – j0.84
41.37
57.40
549.54
16.03
50.52
1.06 – j1.51
1215
1.56 – j0.99
39.24
56.92
492.04
17.68
48.12
1.13 – j1.66
Load Pull at Max GT Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 200 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff
[%]
ZOUT
[W]
960
1.35 – j0.70
40.10
55.70
371.54
15.60
58.76
2.15 – j2.60
1030
0.99 – j0.78
38.16
55.33
341.19
17.17
59.44
2.73 – j2.02
1090
1.24 – j0.84
36.05
54.14
259.42
18.09
56.31
3.55 – j0.42
1215
1.56 – j0.99
33.38
53.42
219.79
20.04
49.44
1.34 – j0.08
Load Pull at Max Efficiency Point – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 200 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff
[%]
ZOUT
[W]
960
1.35 – j0.70
42.00
57.27
533.33
15.27
62.15
1.60 – j1.79
1030
0.99 – j0.78
39.44
56.34
430.53
16.90
61.78
2.27 – j1.50
1090
1.24 – j0.84
37.54
55.36
343.56
17.82
59.60
2.72 – j1.29
1215
1.56 – j0.99
36.19
55.58
361.41
19.39
56.63
1.65 – j0.92
Z Optimum – 16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 200 mA
Freq
[MHz]
Zl
[W]
PIN
[dBm]
POUT
[dBm]
POUT
[W]
PG
[dB]
PAE Eff
[%]
ZOUT
[W]
960
1.35 – j0.70
42.62
57.62
578.10
15.00
60.03
1.50 – j1.61
1030
0.99 – j0.78
39.82
56.62
459.20
16.80
61.39
2.03 – j1.45
1090
1.24 – j0.84
38.71
56.21
417.83
17.50
58.60
2.02 – j1.38
1215
1.56 – j0.99
37.79
56.47
443.61
18.68
53.43
1.29 – j1.37
Load Pull Performance
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
960
2.04
–0.30
0.79
–0.02
1030
1.71
–0.18
0.73
0.64
1090
1.45
0.09
0.95
1.09
1150
1.23
0.41
1.26
0.98
1215
1.07
0.77
0.71
0.93


Similar Part No. - PTVA104501EHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
PTVA104501EH-V1-R0 WOLFSPEED-PTVA104501EH-V1-R0 Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
PTVA104501EH-V1-R250 WOLFSPEED-PTVA104501EH-V1-R250 Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
More results

Similar Description - PTVA104501EHV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
logo
Infineon Technologies A...
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
logo
Infineon Technologies A...
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
PTVA035002EV INFINEON-PTVA035002EV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08
PTVA030121EA INFINEON-PTVA030121EA Datasheet
874Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
Rev. 05.1, 2016-04-19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com