Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA093002TCV1R250 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTVA093002TCV1R250
Description  Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA093002TCV1R250 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTVA093002TCV1R250 Datasheet HTML 1Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 2Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 3Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 4Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 5Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 6Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 7Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 8Page - Infineon Technologies AG PTVA093002TCV1R250 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 10
Rev. 04, 2014-06-16
PTVA093002TC
PTVA093002TC
Package H-49248H-4, formed leads
Thermally-Enhanced High Power RF LDMOS FET
300 W, 50 V, 703 – 960 MHz
Description
The PTVA093002TC is a 300-watt LDMOS FET. Designed for use in
multi-standard cellular power amplifier applications, it can be used as
single-ended or in a Doherty configuration. It features dual-path design,
input matching, and a thermally-enhanced surface-mount package.
Manufactured with Infineon's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
Features
Typical CW performance in a combined-lead
50-ohm single-ended fixture, 780 MHz, 50 V
- Output power at P1dB = 158 W
- Gain = 18.2 dB
- Efficiency = 52%
Typical pulsed CW performance in a combined-lead
50-ohm single-ended fixture, 870 MHz, 50 V
- Output power at P3dB = 280 W
- Gain = 16.2 dB
- Efficiency = 50%
Integrated ESD protection, Human Body Model
class 2 (per JESD22-A114)
Capable of withstanding a 10:1 load mismatch at
50 V, 63 W (CW) output power
Low thermal resistance
Pb-free and RoHS compliant
RF Specifications
Single-carrier WCDMA Characteristics (device with flat leads tested in an Infineon Doherty production test fixture)
VDD = 50 V, IDQ = 400 mA, VGSpeak = 1.9 V, POUT = 63 W average, ƒ = 803 MHz.
3GPP WCDMA signal: 3.84 MHz bandwidth, 10 dB PAR @0.01% CCDF.
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17.5
18.5
dB
Drain Efficiency
ηD
40
45
%
Adjacent Channel Power Ratio
ACPR
–34
–32
dBc
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier 3GPP WCDMA
V
DD = 50 V, IDQ = 400 mA, ƒ = 758 MHz
3.84 MHz bandwidth, 10 dB PAR
Gain
Efficiency
PAR @ 0.01% CCDF
a093002tc-gr1a


Similar Part No. - PTVA093002TCV1R250

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA092407NF INFINEON-PTVA092407NF Datasheet
434Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
Rev. 02.4, 2017-02-07
logo
Cree, Inc
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTVA092407NF WOLFSPEED-PTVA092407NF Datasheet
708Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
Rev. 03.2, 2022-02-13
PTVA092407NF-V2-R5 WOLFSPEED-PTVA092407NF-V2-R5 Datasheet
708Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 – 960 MHz
Rev. 03.2, 2022-02-13
More results

Similar Description - PTVA093002TCV1R250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
logo
Infineon Technologies A...
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
WOLFSPEED, INC.
PTVA104501EH WOLFSPEED-PTVA104501EH Datasheet
540Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
Rev. 04, 2023-07-10
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
logo
Cree, Inc
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com