Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMFT51AA Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # UMFT51AA
Description  UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UMFT51AA Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  UMFT51AA Datasheet HTML 1Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 2Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 3Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 4Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 5Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 6Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 7Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 8Page - Future Technology Devices International Ltd. UMFT51AA Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
N either the whole nor any part of the information c ontained in, or the produc t des c ribed in this manual, may be adapted or
reproduc ed in any material or elec tronic form without the prior written c ons ent of the c opyright holder. T his produc t and its
doc umentation are s upplied on an as -is basis and no warranty as to their s uitability for any partic ular purpos e is either made or
implied. Future T ec hnology Devices I nternational Ltd will not ac c ept any c laim for damages hows oever arising as a res ult of us e or
failure of this produc t. Y our s tatutory rights are not affec ted. T his produc t or any variant of it is not intended for us e in any
medic al appliance, device or s ystem in whic h the fail ure of the produc t might reas onably be expected to res ult in pers onal injury.
T his doc ument provides preliminary information that may be s ubject to c hange without notice. N o freedom to us e patents or oth er
intellectual property rights is implied by the publication of this doc ument. Future T echnology Devic es I nternational Ltd, U nit 1 , 2
Seaward P lac e, C enturion Business P ark, Glasgow G4 1 1HH U nited Kingdom. Sc otland Registered C ompany N umber: SC 1 3 6 6 4 0
Copyright © 2015 Future Technology Devices International Limited
1
UMFT51AA-01 Datasheet
Version 1.0
Document Ref erence No.: FT_001141
Clearance No.: FTDI# 479
Future Technology
Devices International
Datasheet
UMFT51AA 8051
Compatible Module
UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller.
1 Introduction
The UMFT51AA is a development module for FTDI’s
FT51AQ, one of the devices from FTDI’s range of
microcontrollers with USB interface bridging features
integrated. FT51A is a MCU series which includes the
following features: USB client and USB hub
interfaces, 8051 core, 8-bit ADC, UART, SPI, I2C, 245
FIFO and PWM.
The UMFT51AA is a module which is designed to plug
into a standard 0.6” wide 40 pin DIP socket.
All components used, including the FT51AQ are Pb-
free (RoHS compliant).
1.1 Features
The UMFT51AA is built with a FT51AQ; many of the
features of the FT51AQ can be utilized with this
module. For a full list of the FT51A’s series features
refer to the FT51A datasheet which can be found by
clicking here.
In addition to the features listed in the FT51A
datasheet, the UMFT51AA has the following features:
PCB assembly module is designed to fit a standard
15.24mm (0.6”) wide 40 pin DIP socket. Pins are
on a 2.54mm (0.1”) pitch. This module is a drop
in replacement for an 8051 microcontroller.
An on board USB type A socket and plug allow
modules to be connected to a PC via a standard A
extension cable or directly. This module is also
capable of cascading several modules by utilizing
the USB hub feature.
Debugger interface header used for debugging
and programming the FT51AQ. Designed for
operation
with
the
FTPD-1 programmer /
debugger module. See the FTPD-1 datasheet for
details about this module.
Onboard jumper for configuring the FT51AA to be
in self powered or USB powered modes.


Similar Part No. - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
   UMFT51AA 8051 Compatible Module
logo
Future Technology Devic...
UMFT51AA-01 FTDI-UMFT51AA-01 Datasheet
678Kb / 23P
   Heart-Rate Monitor with filtered and amplified analogue output
More results

Similar Description - UMFT51AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
   UMFT51AA 8051 Compatible Module
logo
ORION FANS
P1RX6A-SX51-01M ORIONFANS-P1RX6A-SX51-01M Datasheet
230Kb / 9P
   The P1RX6-SX51-01M (RX-SX51) is an optical module that receives and converts an optical HDMI??signal.
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
   BL22P14 is an 8-bit high performance single chip microcontroller
logo
ORION FANS
P1TX6A-SX51-01M ORIONFANS-P1TX6A-SX51-01M Datasheet
225Kb / 10P
   The P1TX6-SX51-01M (TX-SX51) is an optical module that transmits an HDMI??signal on one strand of multimode fiber.
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
   The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
Shenzhen Huazhimei Semi...
HM8022C HMSEMI-HM8022C Datasheet
576Kb / 8P
   touch sensing IC is an integrated circuit
logo
Nanjing International G...
ESDPSA0603V05 DGNJDZ-ESDPSA0603V05 Datasheet
1Mb / 5P
   this device is an ultra low capacitance
logo
ams AG
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
   The device is an advanced proximity sensor
logo
STMicroelectronics
STS12N3LLH5 STMICROELECTRONICS-STS12N3LLH5 Datasheet
532Kb / 13P
   This device is an N-channel Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com