Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVA120251EAV2R0XTMA1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTVA120251EAV2R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTVA120251EAV2R0XTMA1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTVA120251EAV2R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 10Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 11Page - Infineon Technologies AG PTVA120251EAV2R0XTMA1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PTVA120251EA
Data Sheet
8 of 14
Rev. 04.2, 2016-04-19
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
Output Power (W)
Power Sweep, Pulsed RF
IDQ = 20 mA, VDD = 50 V, TCASE = 25°C,
128 µs pulse width, 10% duty cycle
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Gain
a120251e1a_g4-1
5
15
25
35
45
55
65
0
5
10
15
20
25
30
35
40
Output Power (W)
Power Sweep, Pulsed RF
IDQ = 20 mA, VDD = 50 V, TCASE = 25°C,
128 µs pulse width, 10% duty cycle
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Efficiency
a120251e1a_g4-2
10
12
14
16
18
20
0
5
10
15
20
25
30
35
Output Power (W)
CW Performance
VDD = 50 V, IDQ = 20 mA
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Gain
a120251e1a_gCW-3
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
Output Power (W)
CW Performance
VDD = 50 V, IDQ = 20 mA
960 MHz
1030 MHz
1090 MHz
1150 MHz
1215 MHz
Efficiency
a120251e1a_gCW-4
Typical RF Performance (cont.) (tested with LTN/PTVA120251EA E4 test fixture, 960 MHz – 1215 MHz)


Similar Part No. - PTVA120251EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
   Unmatched input and output
logo
Cree, Inc
PTVA120251EA CREE-PTVA120251EA Datasheet
876Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA120251EA WOLFSPEED-PTVA120251EA Datasheet
787Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
PTVA120251EA-V2-R0 WOLFSPEED-PTVA120251EA-V2-R0 Datasheet
787Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
PTVA120251EA-V2-R250 WOLFSPEED-PTVA120251EA-V2-R250 Datasheet
787Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
More results

Similar Description - PTVA120251EAV2R0XTMA1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PTVA120251EA WOLFSPEED-PTVA120251EA Datasheet
787Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
Rev. 06, 2023-07-10
logo
Cree, Inc
PTVA120251EA CREE-PTVA120251EA Datasheet
876Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 ??1400 MHz
logo
WOLFSPEED, INC.
PTVA120252MT WOLFSPEED-PTVA120252MT Datasheet
553Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
Rev. 04.1, 2022-02-13
logo
Cree, Inc
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
logo
Infineon Technologies A...
PTVA120252MT INFINEON-PTVA120252MT Datasheet
453Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
Rev. 03.4, 2017-02-07
logo
Cree, Inc
PTVA120121M CREE-PTVA120121M Datasheet
530Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
logo
Infineon Technologies A...
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
logo
WOLFSPEED, INC.
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com