Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC182002FCV1R0XTMA1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PXAC182002FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC182002FCV1R0XTMA1 Datasheet(HTML) 8 Page - Infineon Technologies AG

  PXAC182002FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PXAC182002FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet
8 of 8
Rev. 02.3, 2016-06-17
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
(highpowerRF@infineon.com)
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International
Edition 2016-06-17
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2014 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics.
With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the
application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind,
including without limitation, warranties of non-infringement of intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written approval of In-
fineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device
or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be
implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.
PXAC182002FC V1
Revision History
Revision
Date
Data Sheet Type
Page
Subjects (major changes since last revision)
01
2014-09-23
Advance
All
Data Sheet reflects advance specification for product development
02
2015-03-24
Production
All
All
Data Sheet reflects released product specification
Revised all data and includes updated final specs, typical performance graphs, loadpull, refer-
ence circuit, package outline
02.1
2015-05-20
Production
1
Updated single-carrier WCDMA test spec
02.2
2015-06-05
Production
1
Corrected I/O in description paragraph, removed f1 from single-carrier WCDMA test spec condi-
tion
02.3
2016-06-17
Production
1, 2
Updated ESD rating and ordering information to include R0


Similar Part No. - PXAC182002FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-06-05
logo
Cree, Inc
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC_15 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-06-05
More results

Similar Description - PXAC182002FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
logo
WOLFSPEED, INC.
PXFE181507FC WOLFSPEED-PXFE181507FC Datasheet
695Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-28
logo
Cree, Inc
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com