Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC192908FVV1R0 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PXAC192908FVV1R0
Description  Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC192908FVV1R0 Datasheet(HTML) 7 Page - Infineon Technologies AG

  PXAC192908FVV1R0 Datasheet HTML 1Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 2Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 3Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 4Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 5Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 6Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 7Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 8Page - Infineon Technologies AG PXAC192908FVV1R0 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PXAC192908FV
Data Sheet
7 of 9
Rev. 02.3, 2016-06-17
Pinout Diagram (top view)
Lead connections for PXAC192908FV
Pin
Description
D1
Drain device 1 (Main)
D2
Drain device 2 (Peak)
G1
Gate device 1 (Main)
G2
Gate device 2 (Peak)
S
Source (flange)
Main
Peak
V2
V1
D2
D1
G1
G2
S
H-34275G-6-2_pd_10-10-2012


Similar Part No. - PXAC192908FVV1R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC192908FV INFINEON-PXAC192908FV Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-07-14
logo
Cree, Inc
PXAC192908FV CREE-PXAC192908FV Datasheet
525Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
logo
Infineon Technologies A...
PXAC192908FV INFINEON-PXAC192908FV_15 Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.2, 2015-07-14
More results

Similar Description - PXAC192908FVV1R0

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC192908FV CREE-PXAC192908FV Datasheet
525Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1930 ??1995 MHz
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
logo
WOLFSPEED, INC.
PXAE261908NF WOLFSPEED-PXAE261908NF Datasheet
568Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 2515 – 2675 MHz
Rev. 04. 2023-7-24
logo
Infineon Technologies A...
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
logo
Cree, Inc
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC_16 Datasheet
655Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com