Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM70N04-07L Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUM70N04-07L
Description  N-Channel 40-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM70N04-07L Datasheet(HTML) 4 Page - Vishay Siliconix

  SUM70N04-07L Datasheet HTML 1Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 2Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 3Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 4Page - Vishay Siliconix SUM70N04-07L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUM70N04-07L
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72345
S-31617—Rev. A, 11-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Drain Source Breakdown vs.
Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 20 A
TJ = 25_C
TJ = 150_C
0
42
44
46
48
50
52
54
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (_C)
ID = 10 mA


Similar Part No. - SUM70N04-07L

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
SUM70N04-07L-E3 VISHAY-SUM70N04-07L-E3 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
SUM70N04-07L VISHAY-SUM70N04-07L_08 Datasheet
168Kb / 8P
   N-Channel 40-V (D-S) 175 Celsius MOSFET
More results

Similar Description - SUM70N04-07L

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
SUB85N04-03 VISHAY-SUB85N04-03 Datasheet
69Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Mar-00
SUD30N04-10 VISHAY-SUD30N04-10 Datasheet
66Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 18-Aug-03
SUD25N04-25 VISHAY-SUD25N04-25 Datasheet
42Kb / 4P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Aug-01
SUD40N04-10A VISHAY-SUD40N04-10A Datasheet
50Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. A, 26-Mar-01
SUP85N04-04 VISHAY-SUP85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
SQJ858EP VISHAY-SQJ858EP Datasheet
122Kb / 7P
   Automotive N-Channel 40 V (D-S) 175C MOSFET
SUB65P04-15 VISHAY-SUB65P04-15 Datasheet
57Kb / 5P
   P-Channel 40-V (D-S) 175C MOSFET
Rev. A, 01-May-00
SUD50P04-15 VISHAY-SUD50P04-15 Datasheet
62Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. A, 24-Apr-00
SUD50P04-09L VISHAY-SUD50P04-09L Datasheet
44Kb / 4P
   P-Channel 40-V (D-S), 175C MOSFET
Rev. B, 06-Aug-07
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz