Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC241702FCV1R250XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PXAC241702FCV1R250XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC241702FCV1R250XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PXAC241702FCV1R250XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PXAC241702FCV1R250XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
5 of 10
Rev. 02.1, 2016-06-22
PXAC241702FC
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
2200
2300
2400
2500
Frequency (MHz)
CW Performance, single side
Small Signal Gain & Input Return Loss,
VDD = 28 V, IDQ = 360 mA
IRL
Gain
c241702fc-gr7
See next page for load pull performance
Typical Performance (cont.)


Similar Part No. - PXAC241702FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
More results

Similar Description - PXAC241702FCV1R250XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
PXFC191507FC WOLFSPEED-PXFC191507FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
Rev. 04, 2023-06-28
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PXFC191507FC INFINEON-PXFC191507FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXFC191507FC CREE-PXFC191507FC Datasheet
517Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
logo
Infineon Technologies A...
PTF240101S INFINEON-PTF240101S Datasheet
243Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Rev. 05, 2007-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com