Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT4232H-56Q Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT4232H-56Q
Description  USB Hi-Speed FT4232H Evaluation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H-56Q Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT4232H-56Q Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232H-56Q Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright © Future Technology Devices International Limite d
5
FT4232H-56Q Mini Module Datasheet
Version 1.0
Doc ument N o.: FT _001273 C learance N o.: FT DI#491
2 Typical Applications
Rapid USB integration into existing electronic systems.
Prototyping platform for USB interface on new systems.
USB to multi-port JTAG, SPI and I2C interfaces (Two Multi-Protocol Synchronous Serial Engines –
MPSSE – available with the FT4232H)
USB to multi-port asynchronous serial interfaces (up to 4 ports available).
Four independent ports available, two of which may be configured for MPSSE mode.
2.1 Driver Support
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 10 32,64-bit
Windows 8/8.1 32,64-bit
Windows 7 32,64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows 98, 98SE, ME, 2000, Server 2003, XP,
Server 2008 and server 2012 R2
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
Mac OS 8/9, OS-X
Linux 2.4 and greater
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 10 32,64-bit
Windows 8/8.1 32,64-bit
Windows 7 32,64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows 98, 98SE, ME, 2000, Server 2003, XP,
Server 2008 and server 2012 R2
Windows XP Embedded
Windows CE 4.2, 5.0 and 6.0
Linux 2.4 and greater
Android(J2xx)
The drivers listed above are all available to download for free from www.ftdichip.com.
2.2 Features
The FT4232H-56Q Mini Module has the following features:
USB 2.0 Hi-Speed compatible
Reduced development time
Rapid integration into existing systems
USB powered – no external power supply
needed
Based on the USB Hi-Speed FT4232H-56Q
device
Entire USB protocol handled by USB module
Small USB Micro B connector common on many
commercial devices
Asynchronous Serial data transfer rates from
300 baud to 12 Mbaud at TTL levels
Synchronous Serial (MPSSE) data rates of up to
30Mbps on JTAG, SPI and I2C
Support for USB suspend and resume
UHCI / OHCI / EHCI host controller compatible
-40°C to +85°C operating temperature range
The FT4232H-56Q is the QFN-56 pin package.


Similar Part No. - FT4232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results

Similar Description - FT4232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
FT2232H-MINI FTDI-FT2232H-MINI Datasheet
789Kb / 13P
   US Hi-Speed FT2232H Evaluation Module
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
List of Unclassifed Man...
PL-2555 ETC-PL-2555 Datasheet
31Kb / 1P
   Hi-Speed USB Docking Controller
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com