Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC243502FV Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PXAC243502FV
Description  High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC243502FV Datasheet(HTML) 2 Page - Infineon Technologies AG

  PXAC243502FV_16 Datasheet HTML 1Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 2Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 3Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 4Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 5Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 6Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 7Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 8Page - Infineon Technologies AG PXAC243502FV_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PXAC243502FV
Data Sheet
2 of 10
Rev. 03.2, 2016-06-22
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1
µA
VDS = 63 V, VGS = 0 V
IDSS
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1
µA
On-State Resistance
main
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.088
W
peak
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.088
W
Operating Gate Voltage
main
VDS = 28 V, IDQ = 850 mA
VGS
2.3
2.6
3.0
V
peak
VDS = 28 V, IDQ = 0 mA
VGS
0.8
1.2
1.6
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 250 W CW)
RqJC
0.22
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PXAC243502FV V1 R0
PXAC243502FVV1R0XTMA1
H-37275-4
Tape & Reel, 50 pcs
PXAC243502FV V1 R250
PXAC243502FVV1R250XTMA1
H-37275-4
Tape & Reel, 250 pcs


Similar Part No. - PXAC243502FV_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC243502FV INFINEON-PXAC243502FV_15 Datasheet
1Mb / 10P
   High Power RF LDMOS Field Effect Transistor
Rev. 03.1, 2015-04-13
More results

Similar Description - PXAC243502FV_16

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC243502FV CREE-PXAC243502FV Datasheet
543Kb / 10P
   High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
logo
Cree, Inc
PTFC270051M CREE-PTFC270051M Datasheet
745Kb / 14P
   High Power RF LDMOS Field Effect Transistor 5 W, 28 V, 900 ??2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com