Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT51A Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT51A
Description  Supports DMA operation
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51A Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT51A Datasheet HTML 1Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51A Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Copyright © Future Technology Devices International Limited
2
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
1 Typical Applications
USB Data Acquisition
General Purpose Microcontroller
Sensor and Monitoring control
Mass storage data transfers across all
segments, including medical, industrial data-
logger, power-metering, and test
instrumentation
USB to RS232/RS422/RS485 Converters
Incorporate USB interface to enable PC
transfers for development systems
Interfacing MCU/PLD/FPGA based designs to
add USB connectivity
Industrial equipment control systems
POS systems
USB Bar Code Readers
Internet of things application
Home automation control systems
1.1 Part Numbers
Part Number
Package
FT51AQ-R
48 Pin QFN, body 7x7x0.75 mm, pitch 0.5mm, Taped and Reel, 3000 per reel
FT51AQ-T
48 Pin QFN, body 7x7x0.75 mm, pitch 0.5mm, Tray packing, 490 per tray
FT51AL-R
44 Pin LQFP, body 10x10x1.4 mm, pitch 0.8mm, Taped and Reel, 1000 per reel
FT51AL-T
44 Pin LQFP, body 10x10x1.4 mm, pitch 0.8mm, Tray packing, 160 per tray
FT51BQ-R
32 Pin QFN, body 6x6x0.75 mm, pitch 0.5mm, Taped and Reel, 3000 per reel
FT51BQ-T
32 Pin QFN, body 6x6x0.75 mm, pitch 0.5mm, Tray packing, 490 per tray
FT51CS-R
28 Pin SSOP, body 10.2x5.3x1.75 mm, pitch 0.65mm, Taped and Reel, 2000 per reel
FT51CS-U
28 Pin SSOP, body 10.2x5.3x1.75 mm, pitch 0.65mm, Tube packing, 47 per tube
Table 1-1 – Part Numbers
1.2 USB Compliant
The FT51A is fully compliant with the USB 2.0 specification and has been given the USB-IF Test-ID (TID)
40001701 (Rev C).


Similar Part No. - FT51A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT51A-EVM ETC2-FT51A-EVM Datasheet
686Kb / 24P
   Future Technology Devices International Datasheet
logo
Future Technology Devic...
FT51A-EVM FTDI-FT51A-EVM Datasheet
678Kb / 23P
   Heart-Rate Monitor with filtered and amplified analogue output
FT51AL-R FTDI-FT51AL-R Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
FT51AL-T FTDI-FT51AL-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
FT51AQ-R FTDI-FT51AQ-R Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
More results

Similar Description - FT51A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
List of Unclassifed Man...
CPCI-3970 ETC2-CPCI-3970 Datasheet
525Kb / 2P
   Supports system/peripheral slot operation
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com