Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE10D5-9 Datasheet(PDF) 1 Page - Copal Electronics

Part # SLE10D5-9
Description  Miniature Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE10D5-9 Datasheet(HTML) 1 Page - Copal Electronics

  SLE10D5-9 Datasheet HTML 1Page - Copal Electronics SLE10D5-9 Datasheet HTML 2Page - Copal Electronics SLE10D5-9 Datasheet HTML 3Page - Copal Electronics SLE10D5-9 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SLE6
・SLE10
Miniature Power Rocker Switches
■Features
1. C-US UL , CSA , VDE and SEMKO approved products
2. Snap-in panel mounting
3. Compact size is suited for space-saving design.
4. Best suited for power supply of equipment.
5. Dust-proof type
6. Breaking distance is 3 mm or over.
RoHS Compliant
C-US UL
SEMKO
CSA
VDE
■ :WLJPÄJH[PVUZ
Rating
SLE6
Max. 6A 125VAC
・4A 250AC(Resistive load.)
Min.
10mA 5VAC/DC
(Resistive load.)
SLE10
Max. 10A 125VAC
・5A 250VAC(Resistive load.)
Min.
10mA 5VAC/DC
(Resistive load.)
Initial contact resistance 20m
Ω max.
(1A 2∼4V DC)
Dielectric strength
1,500VAC 1 minute
(Between terminals)
Insulation resistance
100M
Ω min. (Between terminals)
(500VDC)
Electrical life
10,000 cycles
Operating force
2.45
∼12.7N
Operating
temperature range
−25∼+85℃
Storage
temperature range
−40∼+85℃
■Part Numbering
■Terminal Styles
Terminal styles
Solder Terminal
TAB
#187
Right Angle Terminal
styles
None
2
5
4
Dimensions
t=0.8
t=0.5
t=0.8
t=0.8
■Approvals
UL File No.E43275
CSA File No.LR38341
VDE License No.120752
SEMKO File No.1312452
SLE 6 A 2 5 50
Series code
Current Switching function
Terminal style Rocker design
Rubber cover installation
ON − ON
ON − OFF
6A
10A
6
10
A
D
2
5
4
5
6
7
8
9
None
None
Unfigured
Solder Terminal
#187
TAB(t=0.5)
#187
TAB(t=0.8)
Right Angle Terminal
■Marking Color
Frame color
・Rocker color
Marking color
Black
White
The black color is standard for the frame
and the rocker.
The gray and the ivory colors are also
available as custom-made items.
Dust Proof


Similar Part No. - SLE10D5-9

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6V BANNER-SLE10B6V Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VQ BANNER-SLE10B6VQ Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VY BANNER-SLE10B6VY Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VYQ BANNER-SLE10B6VYQ Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
More results

Similar Description - SLE10D5-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com