Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y9071B Datasheet(PDF) 19 Page - Keysight Technologies

Part # Y9071B
Description  Measurement Applications For the E6640A EXM Wireless Test Set
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

Y9071B Datasheet(HTML) 19 Page - Keysight Technologies

Back Button Y9071B Datasheet HTML 15Page - Keysight Technologies Y9071B Datasheet HTML 16Page - Keysight Technologies Y9071B Datasheet HTML 17Page - Keysight Technologies Y9071B Datasheet HTML 18Page - Keysight Technologies Y9071B Datasheet HTML 19Page - Keysight Technologies Y9071B Datasheet HTML 20Page - Keysight Technologies Y9071B Datasheet HTML 21Page - Keysight Technologies Y9071B Datasheet HTML 22Page - Keysight Technologies Y9071B Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19 | Keysight | Measurement Applications for the E6640A EXM Wireless Test Set - Solution Brochure
Table 9. Receiver measurements supported by EXM
IEEE802.11a
IEEE802.11b
IEEE802.11g
IEEE 802.11p
IEEE802.11n
IEEE802.11ac
Receiver test items
18.3.10.2
17.4.8.2
19.5.2
18.3.10.2
20.3.21.1
22.3.19.1
Receiver minimum input level sensitivity
18.3.10.3
17.4.8.4
19.5.3
18.3.10.3
20.3.21.2
22.3.19.2
Receiver adjacent channel rejection1
18.3.10.4
18.3.10.4
20.3.21.3
22.3.19.3
Nonadjacent channel rejection1
18.3.10.5
17.4.8.3
19.5.4
18.3.10.5
20.3.22.4
22.3.19.4
Receiver maximum input level
802.11ac 80+80 MHz test solution
The 802.11ac standard specifies two ways to achieve the highest data rate: a single
160-MHz contiguous channel (in many geographies, only two or three such channels
are available), or two non-contiguous 80-MHz channels (i.e. a 160-MHz non-contiguous
channel). In the latter mode of operation, a special spectral mask is defined. Also note
that the two 80-MHz channels used may have a number of different channel spacing
between them.
In addition, EXM can support measurements on 2x2 MIMO, non-contiguous 80+80 MHz
signals. This feature of 802.11ac WAVE 2 increases data rate with spatial multiplexing
and spectrum efficient usage. Figure 11 shows the constellation and EVM numerical
results for two streams on two different frequency segments. EXM can also help you
verify devices for SISO implementations of 80+80 MHz. Contact Keysight for more
information on how to configure these measurements.
Figure 11. Constellation and EVM
numerical results for frequency
segment 1, stream1, frequency
segment 1, stream2, frequency
segment 2, stream1, and frequency
segment 2, stream2
WLAN MIMO test solutions
EXM provides comprehensive MIMO measurement solutions for WLAN MIMO devices
across the lifecycle from research, development, and verification to manufacturing. Test
solutions include:
– Switched MIMO measurements for cost effective manufacturing testing of WLAN
MIMO devices
– True MIMO measurements with multiple TRX channels for design and validation of
WLAN MIMO devices
– Detailed MIMO measurement results per stream and per channel: Modulation
analysis, IQ offset, frequency error, cross talk, and more
– Support Implicit transmitter beamforming calibration test
Figure 12. EXM provides comprehensive MIMO
solutions across lifecycle
Manufacturing
R&D
DVT
True MIMO
Switched MIMO
Implicit Tx beamforming calibration
Receiver test
Keysight N7617B Signal Studio helps you simplify WLAN signal creation for receiver measurement and the EXM TRX provides support
for the transmission of WLAN RF signals from the vector signal generator to the DUT. The number of received packets can be read with
the chipset vendor’s control software.


Similar Part No. - Y9071B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y9072B KEYSIGHT-Y9072B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
Y9073B KEYSIGHT-Y9073B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
More results

Similar Description - Y9071B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y9073B KEYSIGHT-Y9073B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
V9065B KEYSIGHT-V9065B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
Y9072B KEYSIGHT-Y9072B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
V9064B KEYSIGHT-V9064B Datasheet
3Mb / 23P
   EXM Wireless Test Set
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9066A KEYSIGHT-U9066A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com