Electronic Components Datasheet Search |
|
V9065B Datasheet(PDF) 5 Page - Keysight Technologies |
|
V9065B Datasheet(HTML) 5 Page - Keysight Technologies |
5 / 29 page 05 | Keysight | Measurement Applications for the E6640A EXM Wireless Test Set - Solution Brochure EVM Power Power Power Power Power EVM, power EVM, power, spectral mask Sequence Second acquisition First acquisition Measurement steps Acquisition 1 Acquisition 2 Step 1 Step 2 Step 3 Step 4 Step 5 Step 6 Step 1 Step 2 Step 3 Figure 3. An example of the EXM’s WLAN sequencer An EXM sequence can be comprised of up to hundreds of separate acquisitions and in each case the frequency, expected signal level, and trigger conditions can be programmed. Figure 3 shows two such acquisitions. Within each acquisition, a number of measurement steps can be defined that will normally be programmed to match the programmed output from the DUT using its sequence mode. Each measurement step can be set up to process and return one or more measurement results from the data acquired in that time period. In the figure, there are six measurements made on the data from the first acquisition. The EXM sequence is constructed to match the sequence programmed in the DUT, and when initiated, both are executed together. Smart Scheduling Instrument Another test technique supported by EXM is the use of an intermediate test scheduling executive to manage the TRX to ensure maximum use of the test resources and ensure maximum production throughput. Keysight’s name for this is Smart Scheduling Instrument (SSI) and it allows an interme- diate test scheduling program to manage instrument control and test execution in a way that allows each DUT to see a “virtual VSA/VSG” independent of the number of physical TRXs populated in the EXM. This approach to dynamic resource allocation can improve test efficiency significantly. |
Similar Part No. - V9065B |
|
Similar Description - V9065B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |