Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-42X Datasheet(PDF) 2 Page - Copal Electronics

Part # SM-42X
Description  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-42X Datasheet(HTML) 2 Page - Copal Electronics

  SM-42X Datasheet HTML 1Page - Copal Electronics SM-42X Datasheet HTML 2Page - Copal Electronics SM-42X Datasheet HTML 3Page - Copal Electronics SM-42X Datasheet HTML 4Page - Copal Electronics SM-42X Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Top adjustment
11
5
Side adjustment
Top adjustment
Side adjustment
Pieces in package
Adjustment
position
Electrical turn
Shape of terminal
Form of packaging
Taping (reel)
Plastic bag
LIST OF PART NUMBERS
W (J-hook)
A
B
SM-42TW
SM-42W
SM-42TX
SM-42X
SM-42TA
SM-42A
SM-42TB
SM-42B
SM-43TW
SM-43W
SM-43TX
SM-43X
SM-43TA
SM-43A
SM-43TB
SM-43B
TA, TB : 500 pcs./reel
TW, TX : 250 pcs./reel
50 pcs./pack
Nominal resistance values
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
A10
Ω A20 Ω 50 Ω 100 Ω 200 Ω 500 Ω 1 kΩ
2 k
Ω
5 k
Ω
10 k
Ω 20 kΩ 50 kΩ 100 kΩ 200 kΩ 500 kΩ 1 MΩ 2 MΩ
Fig. 1
The products indicated by
A mark are manufactured upon receipt of order basis.
※ The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping specification is not sold separately and must be purchased in reel units.
SM-42/43
SURFACE MOUNT TRIMMERS
X (Gull wing)
(J-hook)
(Gull wing)
W (J-hook)
A
B
X (Gull wing)
(J-hook)
(Gull wing)
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Soldering heat
[
ΔR/R ≦ 1 %]
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering
:350
± 10
°C, 3 ~ 4 s
Operating torque
Mechanical stop
Rotational life
Thrust to shaft
Solderability
Shear (Adhesion)
Substrate bending
Pull-off strength
17.6 mN·m {180 gf·cm} maximum
Clutch action
200 cycles [
ΔR/R ≦
± (3 Ω +3 %)]
5 N {0.51 kgf} minimum
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
{ }Reference only
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
10
Ω ~ 2 MΩ
± 10 %
0.25 W (85 °C) 0 W (150 °C)
(B)Linear law
DC300 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
11 turns (SM-42), 5 turns (SM-43)
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−65 ~ 150 °C
±100 10-6/°C maximum
100 M
Ω minimum (DC500 V)
AC600 V, 60 s
Approx. 0.17 g
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
ΔR/R:Change in total resistance
S.S.
:Setting stability
−65 ~ 150 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 2 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 2 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
85 °C, 0.25 W, 1000 h
[
ΔR/R ≦ 3 % or 3
Ω]
[S.S.
≦ 2 %]
−65 °C, 2 h
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
150 °C, 250 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 1 %]
85 °C, 60 s
No leaks (No continuous bubbles)


Similar Part No. - SM-42X

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SM-42X COPAL-SM-42X Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results

Similar Description - SM-42X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-43TW103 COPAL-SM-43TW103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com