Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5106A Datasheet(PDF) 7 Page - Keysight Technologies

Part # N5106A
Description  PXB Baseband Generator and Channel Emulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5106A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button N5106A Datasheet HTML 3Page - Keysight Technologies N5106A Datasheet HTML 4Page - Keysight Technologies N5106A Datasheet HTML 5Page - Keysight Technologies N5106A Datasheet HTML 6Page - Keysight Technologies N5106A Datasheet HTML 7Page - Keysight Technologies N5106A Datasheet HTML 8Page - Keysight Technologies N5106A Datasheet HTML 9Page - Keysight Technologies N5106A Datasheet HTML 10Page - Keysight Technologies N5106A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Number of dynamic paths
Up to 24
Number of states1
1 to 5000
Requested dwell time2
10 ms to 1000s
Resolution
10 ms
Path loss
0 to 84 dB
Resolution
0.01 dB
Path delay
0 to 2 ms
Resolution
0.1 ns
Path UE speed
0 to 1726.8/carrier frequency in km/hr
Resolution
0.01 km/hr
Number of channels
Up to 1
Signal capture bandwidth
PXB input interface
Maximum
bandwidth
Digital bus3
N5102A digital signal interface module
120 MHz
N9010A EXA, N9020A MXA, and
N9030A PXA vector signal analyzer
40 MHz7
Signal capture sample rate4
1 kSa/sec to 150 MSa/sec
Signal capture depth4
256 samples to 512 Msa (2 GB) per channel
Signal capture duration4
Signal capture depth / sample rate
Resolution
14 bits
Trigger type
Free run, master trigger, magnitude
Trigger value5
0 to 46340
Trigger time delay6
0 to 2147483.647 seconds
Trigger sample delay
0 to 2147483647 samples
Trigger position
0 to 100%
AWGN bandwidth
Up to 120 MHz
Signal to noise (S/N) ratio
–20 dB to +40 dB
Resolution
0.1 dB
Accuracy
0.3 dB (meas)
Crest factor
12.88 dB
Units
SNR, Eb/No
Optimization
Constant signal power,
constant noise power, constant SNR
Output MUX
Signal + noise, signal only, noise only
Repetition interval
> 7 days
Signal Capture
Characteristics
(Requires Option FFP
)
Dynamic Fading
1. States are defined in Microsoft Excel. The Excel template is included with the firmware installation.
2. Actual dwell time is calculated based on requested dwell time and UE speed. Refer to the help system for details.
3. When the PXB input is connected via digital bus, signal capture bandwidth is limited by the input device.
4. Each signal capture channel supports an independent sample rate, depth, and duration.
5. For magnitude trigger only.
6. Trigger time delay is variable, based on sample rate. It is the trigger sample delay/sample rate.
7. Requires Option B25 for 25 MHz or B40 for 40 MHz bandwidth.
Additive White
Gaussian Noise (AWGN)
Characteristics
(Requires Option JFP)


Similar Part No. - N5106A

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5101 MPSIND-N5101 Datasheet
531Kb / 3P
   1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5101-2 MPSIND-N5101-2 Datasheet
531Kb / 3P
   1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5101-4 MPSIND-N5101-4 Datasheet
531Kb / 3P
   1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5101-6 MPSIND-N5101-6 Datasheet
531Kb / 3P
   1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5101-8 MPSIND-N5101-8 Datasheet
531Kb / 3P
   1XN RJ-45 10/100 BASE-T JACK WITH MAGNETIC MODULE
More results

Similar Description - N5106A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADZS-HPUSB-ICE AD-ADZS-HPUSB-ICE Datasheet
1Mb / 2P
   Analog Devices USB-Based Emulator and High Performance USB-Based Emulator
logo
Renesas Technology Corp
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
   Emulator
M3T-PD72 RENESAS-M3T-PD72 Datasheet
66Kb / 2P
   Emulator Debugger [for PC4400 Emulator] and Absolute Assembler for 720 Series
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Renesas Technology Corp
PCA4933 RENESAS-PCA4933 Datasheet
132Kb / 1P
   Converter for Connecting Emulator Probe to RFS Type Emulator MCU (for PC4701, compact emulator, and PC4600 systems)
logo
Keysight Technologies
5992-1614EN KEYSIGHT-5992-1614EN Datasheet
803Kb / 5P
   Propsim F32 Channel Emulator 6 GHz
logo
Renesas Technology Corp
R20UT0616EJ0902 RENESAS-R20UT0616EJ0902 Datasheet
71Kb / 6P
   E1 Emulator
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
   Z8PLUS EMULATOR
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com