Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAC261212FCV1R0XTMA1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PXAC261212FCV1R0XTMA1
Description  Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXAC261212FCV1R0XTMA1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  PXAC261212FCV1R0XTMA1 Datasheet HTML 1Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 2Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 3Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 4Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 5Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 6Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 7Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 8Page - Infineon Technologies AG PXAC261212FCV1R0XTMA1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
5 of 10
Rev. 02.2, 2016-06-22
PXAC261212FC
Typical Performance (cont.)
0
10
20
30
40
50
60
70
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
29
33
37
41
45
49
53
Output Power (dBm)
CW Performance
at various VDD
IDQ = 280 mA, ƒ = 2575 MHz
Gain
Efficiency
VDD = 24 V
VDD = 28 V
VDD = 32 V
c261212fc-gr5a
0
10
20
30
40
50
60
70
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
29
33
37
41
45
49
53
Output Power (dBm)
CW Performance
at various VDD
IDQ = 280 mA, ƒ = 2605 MHz
Gain
Efficiency
VDD = 24 V
VDD = 28 V
VDD = 32 V
c261212fc-gr5b
-20
-15
-10
-5
0
13
14
15
16
17
2500
2550
2600
2650
2700
2750
Frequency (MHz)
Small Signal CW Performance
Gain & Input Return Loss
VDD = 28 V, IDQ = 280 mA
IRL
Gain
c261212fc-gr6


Similar Part No. - PXAC261212FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC261212FC INFINEON-PXAC261212FC Datasheet
210Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-06-30
logo
Cree, Inc
PXAC261212FC CREE-PXAC261212FC Datasheet
557Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
More results

Similar Description - PXAC261212FCV1R0XTMA1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXAC261212FC CREE-PXAC261212FC Datasheet
557Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 120 W, 28 V, 2496 ??2690 MHz
logo
Infineon Technologies A...
PTFC261402FC INFINEON-PTFC261402FC Datasheet
231Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
Rev. 05, 2016-06-21
PTFC260202FC INFINEON-PTFC260202FC Datasheet
870Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 25 W, 28 V, 2495 ??2690 MHz
Rev. 03.3, 2016-06-21
PTFC262157FH INFINEON-PTFC262157FH Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2620 ??2690 MHz
Rev. 03.1, 2016-06-21
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PXAC261002FC INFINEON-PXAC261002FC Datasheet
162Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
Rev. 03.3, 2016-06-15
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
PXAC261002FC CREE-PXAC261002FC Datasheet
634Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2490 ??2690 MHz
PTFC261402FC CREE-PTFC261402FC Datasheet
322Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 140 W, 28 V, 2620 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com