Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E7530A Datasheet(PDF) 8 Page - Keysight Technologies

Part # E7530A
Description  UXM Wireless Test Set
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E7530A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button E7530A Datasheet HTML 2Page - Keysight Technologies E7530A Datasheet HTML 3Page - Keysight Technologies E7530A Datasheet HTML 4Page - Keysight Technologies E7530A Datasheet HTML 5Page - Keysight Technologies E7530A Datasheet HTML 6Page - Keysight Technologies E7530A Datasheet HTML 7Page - Keysight Technologies E7530A Datasheet HTML 8Page - Keysight Technologies E7530A Datasheet HTML 9Page - Keysight Technologies E7530A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
08 | Keysight | E7515A UXM Wireless Test Set - Data Sheet
LTE Measurements
Modulation and channels
Signal structure
FDD and TDD (with appropriate licenses)
Signal bandwidth
1.4, 3, 5, 10, 15, 20 MHz
LTE signal generation
Error vector magnitude (EVM)
20 MHz LTE PDSCH signal with full allocation (100 RBs)
modulation = 64QAM; power = –20 dBm
300 MHz to 3.5 GHz
>3.5 to 6 GHz
<2% RMS nominal
<2.25% RMS nominal
LTE power measurements
Level range (BW 20 MHz, OFDM, 64QAM)
–45 to +30 dBm, RMS
LTE channel power accuracy
±0.65 dB nominal
LTE adjacent channel power
Dynamic range
E-UTRA
UTRA
>45 dB nominal
>45 dB nominal
Residual EVM (5, 10, 15, 20 MHz bandwidths)
<2% RMS typical at –20 dBm input power
GSM/GPRS/EGPRS Measurements
Modulation, bands, and frequency
Modulation types
GMSK and 8PSK
Bands
GSM450, GSM480, GSM750, PGSM, EGSM, RGSM, TGSM810, GSM850, DCS, PCS
Frequency range
0.45 to 2 GHz (within bands)
GSM/GPRS/EGPRS signal generation
Modulated output power range
TxRx1, TxRx2
–110 to –10 dBm
Tx1, Tx2
–110 to 0 dBm
Output level accuracy with GMSK or 8PSK
±0.55 dB, typical
GSM/GPRS/EGPRS measurements
Level range
–25 to +30 dBm
Transmit power accuracy
±0.5 dB, typical
TD-SCDMA/HSPA Measurements
Modulation, bands, and frequency
Modulation types
QPSK and 16QAM
Bands
a, b, c, d, e, f, 41
Frequency range
1.8 to 2.7 GHz (within bands)
TD-SCDMA/HSPA signal generation
Modulated output power range
TxRx1, TxRx2
–110 to –13 dBm/1.28 MHz
Tx1, Tx2
–110 to –5 dBm/1.28 MHz
Output level accuracy with QPSK or 16QAM
±0.5 dB, typical
TD-SCDMA/HSPA measurements
Level range
–65 to +30 dBm/1.28 MHz
Channel power accuracy
±0.5 dB, typical


Similar Part No. - E7530A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E7536 HAMAMATSU-E7536 Datasheet
67Kb / 2P
   HIGH PRECISION LAMP HOUSING
More results

Similar Description - E7530A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E7521A KEYSIGHT-E7521A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7523A KEYSIGHT-E7523A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7529A KEYSIGHT-E7529A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
V9064B KEYSIGHT-V9064B Datasheet
3Mb / 23P
   EXM Wireless Test Set
logo
Agilent(Hewlett-Packard...
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
PHOENIX CONTACT
2884363 PHOENIX-2884363 Datasheet
47Kb / 1P
   Wireless set - WIRELESS MUX DEMO SET
11/05/2018
logo
Keysight Technologies
V9065B KEYSIGHT-V9065B Datasheet
3Mb / 29P
   Measurement Applications For the E6640A EXM Wireless Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com