Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1020IST5X Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC1020IST5X
Description  General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1020IST5X Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC1020IST5X Datasheet HTML 2Page - Exar Corporation CLC1020IST5X Datasheet HTML 3Page - Exar Corporation CLC1020IST5X Datasheet HTML 4Page - Exar Corporation CLC1020IST5X Datasheet HTML 5Page - Exar Corporation CLC1020IST5X Datasheet HTML 6Page - Exar Corporation CLC1020IST5X Datasheet HTML 7Page - Exar Corporation CLC1020IST5X Datasheet HTML 8Page - Exar Corporation CLC1020IST5X Datasheet HTML 9Page - Exar Corporation CLC1020IST5X Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
©2009-2013 Exar Corporation
6/14
Rev 1B
Typical Performance Characteristics - Continued
TA = 25°C, VS = +5V, Rf = Rg =10kΩ, RL = 10kΩ to VS/2, G = 2; unless otherwise noted.














 















 















 















 



Ω

Ω


Ω

Ω










Ω
 

Ω


Ω

Ω


Ω

Ω










Ω
 

Ω
Freq. Resp. vs. C
L RL=1kΩ +5V
Freq. Resp. vs. C
L RL=1kΩ +2.7V
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Inverting Freq. Resp. +2.7V
Inverting Freq. Resp. +5V
Non-Inverting Freq. Resp. +2.7V
Non-Inverting Freq. Resp. +5V


Similar Part No. - CLC1020IST5X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001ASO8 CADEKA-CLC1001ASO8 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
CLC1001ASO8X CADEKA-CLC1001ASO8X Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
CLC1001AST6X CADEKA-CLC1001AST6X Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
More results

Similar Description - CLC1020IST5X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
   General Purpose CMOS Rail-to-Rail Amplifiers
REV. D
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com