Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXFC193808SV Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PXFC193808SV
Description  Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PXFC193808SV Datasheet(HTML) 2 Page - Infineon Technologies AG

  PXFC193808SV Datasheet HTML 1Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 2Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 3Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 4Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 5Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 6Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 7Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 8Page - Infineon Technologies AG PXFC193808SV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PXFC193808SV
Data Sheet
2 of 10
Rev. 02.1, 2015-01-13
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1
µA
VDS = 63 V, VGS = 0 V
IDSS
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.19
Ω
Operating Gate Voltage
VDS = 28 V, IDQ = 2.88 A
VGS
2.3
2.6
2.9
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 280 W CW)
RθJC
0.18
°C/W
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PXFC193808SV V1 R250
PXFC193808SVV1R250XTMA1
H-37275G-6/2, ceramic open-cavity, push-pull, earless Tape & Reel, 250 pcs


Similar Part No. - PXFC193808SV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
logo
Cree, Inc
PXFC191507FC CREE-PXFC191507FC Datasheet
517Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
logo
WOLFSPEED, INC.
PXFC191507FC WOLFSPEED-PXFC191507FC Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
Rev. 04, 2023-06-28
PXFC191507FC-V1-R0 WOLFSPEED-PXFC191507FC-V1-R0 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
Rev. 04, 2023-06-28
PXFC191507FC-V1-R250 WOLFSPEED-PXFC191507FC-V1-R250 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
Rev. 04, 2023-06-28
More results

Similar Description - PXFC193808SV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
logo
WOLFSPEED, INC.
PXFE181507FC WOLFSPEED-PXFE181507FC Datasheet
695Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 – 1880 MHz
Rev. 04, 2023-06-28
logo
Cree, Inc
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com