Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCE161284DL Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCE161284DL
Description  19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCE161284DL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVCE161284DL Datasheet HTML 3Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 4Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 5Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 6Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 7Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 8Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 9Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 10Page - Texas Instruments SN74LVCE161284DL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN74LVCE161284
19BIT IEEE 1284 TRANSLATION TRANSCEIVER
WITH ERRORFREE POWER UP
SCES541 − JANUARY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
(unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
VCC
VCC
CABLE
MIN
TYP†
MAX
UNIT
Ci
A9-A13, DIR, HD,
PERI LOGIC IN
VI = VCC or GND
3.3 V
5 V
6.5
pF
Ci
HOST LOGIC IN
VI = VCC or GND
3.3 V
5 V
4
pF
Cio
A1-A8
VO = VCC or GND
3.3 V
5 V
8
pF
Cio
B1-B8
VO = VCC or GND
3.3 V
5 V
13
pF
† Typical values are measured at TA = 25°C.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 2 and 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP‡
MAX
UNIT
tPLH
Totem pole
A1−A8
B1−B8
2
30
ns
tPHL
Totem pole
A1−A8
B1−B8
2
30
ns
tPLH
Totem pole
A9−A13
Y9−Y13
2
30
ns
tPHL
Totem pole
A9−A13
Y9−Y13
2
30
ns
tPLH
Totem pole
B1−B8
A1−A8
2
12
ns
tPHL
Totem pole
B1−B8
A1−A8
2
12
ns
tPLH
Totem pole
C14−C17
A14−A17
2
14
ns
tPHL
Totem pole
C14−C17
A14−A17
2
14
ns
tPLH
Totem pole
PERI LOGIC IN
PERI LOGIC OUT
2
16
ns
tPHL
Totem pole
PERI LOGIC IN
PERI LOGIC OUT
2
16
ns
tPLH
Totem pole
HOST LOGIC IN
HOST LOGIC OUT
1
18
ns
tPHL
Totem pole
HOST LOGIC IN
HOST LOGIC OUT
1
18
ns
tslew
Totem pole
B1−B8 and Y9−Y13 outputs
0.05
0.4
V/ns
tPZH
HD
B1−B8, Y9−Y13, and
2
30
ns
tPHZ
HD
B1−B8, Y9−Y13, and
PERI LOGIC OUT
2
25
ns
ten−tdis
DIR
A1−A8
2
25
ns
tPHZ
DIR
B1−B8
2
25
ns
tPLZ
DIR
B1−B8
2
25
ns
tr, tf
Open drain
A1−A13
B1−B8 or Y9−Y13
1
120
ns
tsk(o)§
A1−A8 or B1−B8
B1−B8 or A1−A8
3
10
ns
‡ Typical values are measured at VCC = 3.3 V, VCC CABLE = 5 V, and TA = 25°C.
§ Skew is measured at 1/2 (VOH + VOL) for signals switching in the same direction.
ESD protection
PIN
TEST CONDITIONS
TYP
UNIT
B1−B8, Y9−Y13, PERI LOGIC OUT,
HBM
±15
B1−B8, Y9−Y13, PERI LOGIC OUT,
C14−C17, HOST LOGIC IN
Contact discharge,
IEC 61000-4-2
±8
kV
C14−C17, HOST LOGIC IN
Air-gap discharge,
IEC 61000-4-2
±15
kV
DIR, HD, A1−A8, A9−A13,
PERI LOGIC IN, A14−A17,
HOST LOGIC OUT
HBM
±4
kV


Similar Part No. - SN74LVCE161284DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284DL TI-SN74LVCE161284DL Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284DL TI-SN74LVCE161284DL Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284DLR TI-SN74LVCE161284DLR Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284DLR TI-SN74LVCE161284DLR Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - SN74LVCE161284DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com