Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1962B Datasheet(PDF) 14 Page - Keysight Technologies

Part # E1962B
Description  For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1962B Datasheet(HTML) 14 Page - Keysight Technologies

Back Button E1962B Datasheet HTML 10Page - Keysight Technologies E1962B Datasheet HTML 11Page - Keysight Technologies E1962B Datasheet HTML 12Page - Keysight Technologies E1962B Datasheet HTML 13Page - Keysight Technologies E1962B Datasheet HTML 14Page - Keysight Technologies E1962B Datasheet HTML 15Page - Keysight Technologies E1962B Datasheet HTML 16Page - Keysight Technologies E1962B Datasheet HTML 17Page - Keysight Technologies E1962B Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14 | Keysight | E1962B cdma2000/IS-95/AMPS Mobile Test Application - Technical Overview
Option E1962B-405 fading (digital bus)
Functionality
Allows baseband, digital I/Q data from the sig-
nal generator to be sent to an external N5106B
(PXB) and then returns the signal to the test set
for modulation
Connector
Rear panel, 50-pin, high density
Signal generator ALC
mode
Closed or open (default of closed); open loop
mode must be used during fading to maintain
the desired signal characteristics
ALC open loop
calibration
Calibrates the RF source when operating in the
ALC open loop mode; the accuracy remains
valid with a ± 5 °C window of the temperature at
which the calibration was performed
ALC open loop RF IN/
OUT composite absolute
output level
accuracy degradation
(must add this to the
main level accuracy
specification for tem-
peratures within ± 5 °C
of the last ALC open loop
calibration)
< ± 0.75 dB, −109 to –70 dBm/1.23 MHz
< ± 0.50 dB, –70 to −35 dBm/1.23 MHz
< ± 0.75 dB, −35 to −13 dBm/1.23 MHz
ALC open loop
carrier feedthrough
Typically < 40 dBc (nominal ambient < 47 dBc
after IQ calibration)
Option E1962B-406 multi-unit synchronization
Functionality
Allows any test set to be time-synchronized to
another test set running either CDMA or 1xEV-
DO test application or lab application; syn-
chronization requires one unit to be designated
as the time server and the other as the client;
timebase and trigger outputs of the server
must be connected to the client’s timebase and
trigger inputs; the test sets must also be on a
LAN using the same address segment
Sync to external test set One button command to perform the
synchronization
External test set LAN
address
User entry of the time server’s LAN address
(IPv4 address)
Synchronization fanout
Maximum of four client test sets can be driven
from a single timing server; unlimited number
can be synchronized when they are dai-
sy-chained together (one unit to another)
Synchronization results
Server operation complete and client operation
complete
Synchronization
accuracy
Typically < 1 μs
Option E1962B-407 protocol logging
Functionality
Start protocol logging and stop protocol
logging
Protocol support
PREV=6 and PREV=7 messages; provides cor-
rect binary output for lower PREVs but decodes
using PREV=6 messages formats
Option E1962B-409 SMS
SMS support
Mobile terminated or mobile originated
SMS mobile terminated
service types
Point-to-point or broadcast
SMS mobile terminated
teleservice types
Wireless paging teleservice, wireless messag-
ing teleservice, voice mail notification, or WAP
SMS broadcast service
categories
Unknown, broadcast emergency, administra-
tive, maintenance, general news local, general
news regional, general news national, general
news international, business and financial news
local, business and financial news regional,
business and financial news national, business
and financial news international, sports news
local, sports news regional, sports news na-
tional, sports news international, entertainment
news local, entertainment news regional, en-
tertainment news national, entertainment news
international, local weather, area traffic reports,
local flight schedules, restaurants, lodgings,
retail directory, advertisements, stock quotes,
employment opportunities, medical, technology
news, and multi-category
SMS mobile terminated
originating address
Maximum of 14 numeric digits
SMS mobile terminated
message priority
None, normal, interactive, urgent, and emer-
gency
SMS mobile terminated
message privacy
None, not restricted, restricted, confidential,
and secret
SMS mobile terminated
message alert
Default, low, medium, high, and none
SMS mobile terminated
message encoding
Octet, 7-bit ASCII, IA5, UNICODE, shift-JIS,
Korean, Latin/Hebrew, Latin, and GSM 7-bit
default alphabet
SMS mobile terminated
message optional user
data
Include or exclude
SMS mobile terminated
call back number
Include or exclude; set to the originating ad-
dress when included
SMS mobile terminated
message entry
Hex or ASCII
SMS mobile terminated
message length
Maximum of 255 ASCII characters or 510 hex
characters
SMS mobile terminated
message repeat
1 up to 255 repetitions of the entered data
SMS mobile terminated
messaging editing
Append data, overwrite data, insert data, clear
to end, backspace, and delete character
SMS mobile terminated
message status
Provides status of SMS message transmission
and reports cause codes
SMS mobile originated
protocol control
Enabled, disabled, not supported, or unknown
address
SMS mobile originated
display
Auto, ASCII, or hex
SMS mobile originated
message status
Message count, tele service type, destination
address, destination address encoding, priority,
call back number, call back number encoding,
message encoding, and message length


Similar Part No. - E1962B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
More results

Similar Description - E1962B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9079A KEYSIGHT-U9079A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com