Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1962B Datasheet(PDF) 7 Page - Keysight Technologies

Part # E1962B
Description  For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1962B Datasheet(HTML) 7 Page - Keysight Technologies

Back Button E1962B Datasheet HTML 3Page - Keysight Technologies E1962B Datasheet HTML 4Page - Keysight Technologies E1962B Datasheet HTML 5Page - Keysight Technologies E1962B Datasheet HTML 6Page - Keysight Technologies E1962B Datasheet HTML 7Page - Keysight Technologies E1962B Datasheet HTML 8Page - Keysight Technologies E1962B Datasheet HTML 9Page - Keysight Technologies E1962B Datasheet HTML 10Page - Keysight Technologies E1962B Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
07 | Keysight | E1962B cdma2000/IS-95/AMPS Mobile Test Application - Technical Overview
CW RF generator
Frequency
Available frequency
range
292 to 2700 MHz
Specified frequency
ranges
421 to 494 MHz
800 to 960 MHz
1700 to 2000 MHz
Accuracy and
stability
Same as listed under FM RF generator
Test signal
CW, AM (56% depth with 20 kHz rate), or DSB-
SC (carrier + upper side-band spaced 20 kHz
apart); requires approximately 3 seconds to
switch between test signal selections
Amplitude
Available output level
range
−127 to −10 dBm
Specified output level
range
−116 to −15 dBm
Absolute output level
accuracy
< ± 1.0 dB, typically < ± 0.5 dB (level accuracy
at RF generator output levels
> −30 dBm may be degraded by
simultaneous reception and transmission when
applied Tx power is > 32 dBm)
VSWR at RF IN/OUT
< 1.14:1, 400 to 1000 MHz
Nominal ambient test
signal level accuracy
< ± 1.1 dB
Spectral purity
Harmonics
−25 dBc for levels < −17 dBm
Subharmonics
< −40 dBc
Non-harmonics
< –55 dBc for 100 kHz to < 1500 kHz offsets
from carrier
< –68 dBc for > 1500 kHz offsets from carrier
Typically < –55 dBc for 3 kHz to
< 100 kHz offsets
Typically < –53 dBc for line-related non-har-
monics
Spurious due to
receiver LO leakage
Spurious at 105 ± 2.5 MHz below expected
transmitter frequency and its second harmonic
is typically < –50 dBm
FM and SAT signal generation
FM rate range
100 Hz to 20 kHz
FM deviation range
0 to 20 kHz for combined SAT, internal and
external deviation
Residual FM
< 7 Hz rms in a CCITT bandwidth
Internal FM accuracy
< ±(3.5% + residual FM) at a 1 kHz rate
External FM accuracy
< ±(5% + residual FM) at a 1 kHz rate
FM flatness
< ±5% relative to a 1 kHz rate
FM distortion (THD plus
noise)
< 0.5% for > 4 kHz deviation at a 1 kHz rate in a
CCITT bandwidth
External FM input
sensitivity
20 kHz deviation per V
Maximum external FM
input level
1 V peak
SAT frequencies
5970, 6000, or 6030 Hz
SAT deviation
Fixed at 2 kHz
FM rate resolution
Typically 5 Hz
FM deviation
resolution
Typically 5 Hz
FM RF generator
Frequency
Frequency range
800 to 960 MHz
Accuracy and
stability
Same as timebase reference
CW frequency switching
speed
Typically < 10 ms to be within < 0.1 ppm of final
frequency
Setting resolution
Typically 1 Hz
Amplitude
Output level range
−116 to −15 dBm
Absolute output level
accuracy
< ± 1.0 dB, typically < ± 0.5 dB (level accuracy
at RF generator output levels > −30 dBm may
be degraded by simultaneous reception and
transmission when applied Tx power is > 32
dBm)
RF IN/OUT reverse
power
+37 dBm peak (5 W peak)
VSWR at RF IN/OUT
< 1.14:1, 400 to 1000 MHz
Output level repeatabili-
ty (returning to the same
frequency and level)
Typically < ± 0.1 dB
Output level setting
resolution
Typically 0.1 dB
Output level switching
time
Typically < 50 ms to be within 0.1 dB of final
level
Audio generator
Frequency
Operating range
100 Hz to 20 kHz, typically 1 Hz to
20 kHz
Accuracy
Same as timebase reference
Frequency resolution
Typically 0.1 Hz
Output level (from AUDIO OUTPUT connector)
Ranges
0 to 1 V peak, 1 to 9 V peak (into
> 600 Ω)
Accuracy
< ± (1.5% of setting + resolution) when output
is DC coupled
Distortion
< 0.1% for 0.2 to 9 V peak into > 600 Ω
Coupling mode
Selectable as DC or AC (5 μF in series with
output)
Maximum output current Typically 100 mA peak into 8 Ω
Output impedance
Typically < 1.5 W at 1 kHz when output is DC
coupled
DC offset (when
output is DC coupled)
Typically < 1 mV peak for 0 to 1 V peak
Typically < 10 mV peak for 1 to 9 V peak
Output level
resolution
Typically < 0.5 mV for 0 to 1 V peak
output, < 5.0 mV for 1 to 9 V peak output


Similar Part No. - E1962B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
More results

Similar Description - E1962B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1996A KEYSIGHT-E1996A Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
E1991B KEYSIGHT-E1991B Datasheet
512Kb / 6P
   For use with the 8960 Series 10 (E5515C) Wireless Communications Test Set
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6890A HP-E6890A Datasheet
201Kb / 6P
   Wireless Communications Test Set
logo
Keysight Technologies
U9075A KEYSIGHT-U9075A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9063A KEYSIGHT-U9063A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9072A KEYSIGHT-U9072A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9073A KEYSIGHT-U9073A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9080A KEYSIGHT-U9080A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
U9079A KEYSIGHT-U9079A Datasheet
7Mb / 13P
   U90xxA X-Series Measurement Applications for the EXT Wireless Communications Test Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com