Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5992-1606 Datasheet(PDF) 8 Page - Keysight Technologies

Part No. 5992-1606
Description  Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEYSIGHT [Keysight Technologies]
Homepage  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

5992-1606 Datasheet(HTML) 8 Page - Keysight Technologies

Back Button 5992-1606 Datasheet HTML 2Page - Keysight Technologies 5992-1606 Datasheet HTML 3Page - Keysight Technologies 5992-1606 Datasheet HTML 4Page - Keysight Technologies 5992-1606 Datasheet HTML 5Page - Keysight Technologies 5992-1606 Datasheet HTML 6Page - Keysight Technologies 5992-1606 Datasheet HTML 7Page - Keysight Technologies 5992-1606 Datasheet HTML 8Page - Keysight Technologies 5992-1606 Datasheet HTML 9Page - Keysight Technologies 5992-1606 Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
08 | Keysight | Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing - Brochure
Propsim Aerospace Channel Emulation Solution
Features
Propsim F8 Channel Emulator
– Number of channels: up to 8
– Number of fading paths: 1 (LOS) +3 (reflectors) paths/channel
– RF input signal frequency range: 220 MHz – 6 GHz
– RF bandwidth: Up to 160 MHz
– Propagation delay: Up to 1300 ms
– Range rate: 20 km/s
– Acceleration: 100 g
– Doppler shift: up to +/-1.5 MHz
– Interference generator: AWGN, independent per channel
– EVM: OFDMA 20 MHz BW < – 45 dB
Superior RF and digital performance
Propsim aerospace channel emulation solution features a channel modeling interface
with up to eight channels and up to 160 MHz signal bandwidth. This is directly within
an RF input signal frequency range of 220 MHz to 6 GHz, making external RF down/
up conversion redundant. Systems operating on up to 27 GHz are supported with IF or
external RF down/up conversion. The solution provides 100 g acceleration emulation
capability and up to 1300 ms propagation delay.
GUI supporting file import from external tool
The graphical user interface of Propsim aerospace modeling tool enables you to gener-
ate, edit and visualize emulation models.
Open text-based file format
Keysight’s Propsim aerospace modeling tool supports any user-defined routes or
built-in functions for periodic models. The open text-based file format allows the
import of customer-specific radio channel and location parameters, such as satellite
orbital information or any airborne route information. The Propsim aerospace & satellite
modeling tool can take input in two different formats of channel model data (e.g. from
software simulation tools). This allows you to define and emulate the communications
links of flight routes or test the wireless connection on an aircraft with link emulations
based on virtual links or recorded link databases.
Propsim aerospace modeling tool enables you to create and edit different types of
channel models with periodic curves
– Coordinate-based model – you define coordinate points and gain values for the
transmitter, receiver and reflectors. Delay, range rate and Doppler parameters are
calculated from the movement between given coordinate points.
– Function-based model – Doppler is defined based on linear, sinusoidal or triangular
function. The delay is calculated from Doppler. You can define minimum and
maximum values for gain.
– Arbitrary model – Doppler, delay and gain values in time are included and the values
are given separately for the transmitter, receiver and reflectors.
Propsim F8 Channel Emulator


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn