Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDR45V064B-01 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDR45V064B-01
Description  64k(8,192-Word8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDR45V064B-01 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDR45V064B-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDR45V064B-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
FEDR45V064B-01
MR45V064B
9/20
WRITE PROTECTION
Writing protection block is shown as follows:
Protect Block size
Block Protect BIT
Protected Block
Protected Address Area
BP1
BP0
0
0
None
None
0
1
Upper 1/4 block
1800h – 1FFFh
1
0
Upper 1/2 block
1000h – 1FFFh
1
1
All
0000h – 1FFFh
Writing Protect
WP#
SRWD
mode
Writing protection status
in status register
Protection status in memory
Protected blocks
Unprotected
blocks
1
0
Software
protection
(SPM)
Status register is
unprotected when
WEL-bit is set by WREN
command. BP0 and BP1
are unprotected.
Protected
Unprotected
0
0
1
1
0
1
Hardware
protection
(HPM)
Status register is
protected. BP0 and BP1
are protected.
Protected
Unprotected


Similar Part No. - FEDR45V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDR45V032A-01 LAPIS-FEDR45V032A-01 Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
More results

Similar Description - FEDR45V064B-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR44V064B LAPIS-MR44V064B Datasheet
427Kb / 16P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
MR44V064A LAPIS-MR44V064A Datasheet
294Kb / 16P
   64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
MR45V256A LAPIS-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A LAPIS-MR45V032A Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A LAPIS-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
List of Unclassifed Man...
MR45V256A ETC2-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A ETC2-MR45V032A Datasheet
279Kb / 21P
   32k (4,096-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com