Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDR44V064A-01 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDR44V064A-01
Description  64k(8,192-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDR44V064A-01 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  FEDR44V064A-01 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDR44V064A-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEDR44V064A-01
Issue Date: Apr. 22, 2013
MR44V064A
64k(8,192-Word
 8-Bit) FeRAM (Ferroelectric Random Access Memory)
1/16
GENERAL DESCRIPTION
The MR44V064A is a nonvolatile 8,192-word x 8-bit ferroelectric random access memory (FeRAM) developed
in the ferroelectric process and silicon-gate CMOS technology. The MR44V064A is accessed using Two-wire
Serial Interface ( I2C BUS ).Unlike SRAMs, this device, whose cells are nonvolatile, eliminates battery backup
required to hold data. This device has no mechanisms of erasing and programming memory cells and blocks,
such as those used for various EEPROMs. Therefore, the write cycle time can be equal to the read cycle time and
the power consumption during a write can be reduced significantly.
The MR44V064A can be used in various applications, because the device is guaranteed for the write/read
tolerance of 1012 cycles per bit and the rewrite count can be extended significantly.
FEATURES
• 8,192-word
 8-bit configuration I2C BUS Interface
• A single 3.3 V typ
(2.5V to 3.6V) power supply
• Operating frequency:
3.4MHz(Max) HS-mode
400KHz(Max) F/S-mode
• Read/write tolerance
1012 cycles/bit
• Data retention
10 years
• Guaranteed operating temperature range
40 to 85C (Extended temperature version)
• Package options:
8-pin plastic SOP (P-SOP8-200-1.27-T2K)


Similar Part No. - FEDR44V064A-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDR44V064B-01 LAPIS-FEDR44V064B-01 Datasheet
427Kb / 16P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
More results

Similar Description - FEDR44V064A-01

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
MR45V064B LAPIS-MR45V064B Datasheet
371Kb / 20P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR44V064B LAPIS-MR44V064B Datasheet
427Kb / 16P
   64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
MR45V256A LAPIS-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A LAPIS-MR45V032A Datasheet
280Kb / 21P
   32k(4,096-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A LAPIS-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
List of Unclassifed Man...
MR45V256A ETC2-MR45V256A Datasheet
267Kb / 21P
   256k(32,768-Word ??8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V200A ETC2-MR45V200A Datasheet
247Kb / 17P
   2M(262,144-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
MR45V032A ETC2-MR45V032A Datasheet
279Kb / 21P
   32k (4,096-Word x 8-Bit) FeRAM (Ferroelectric Random Access Memory) SPI
logo
Fujitsu Component Limit...
MB85R256 FUJITSU-MB85R256 Datasheet
153Kb / 12P
   Memory FRAM(Ferroelectric Random Access Memory)
logo
Hitachi Semiconductor
HM514800C HITACHI-HM514800C Datasheet
1Mb / 25P
   524,288-word X 8-bit Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com