Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL7202-001-01 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7202-001-01
Description  2-Channel Echo Canceler with Multifunction ADPCM Transcoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7202-001-01 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL7202-001-01 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL7202-001-01 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
FEDL7202-001-01
ML7202-001
9/65
Pin
Symbol
I/O
PDN/RST
=”0”
Description
38
PCMLNO1
O
Hi-Z
PCM data output pin of line echo canceler of channel 1. The PCM
data is output serially starting from MSB, synchronized to the rising
edges of BCLKL and SYNCL. The pin gets in a high impedance state
except when the 8-bit PCM data is being output.
Also during
power-down reset and initial mode, the pin is put in a high impedance.
During an end-to-end 4-bit ADPCM transparent mode defined by
CR2-B5 (DTHR1) set to “1”, this pin is configured as 4-bit ADPCM data
output, and the line echo canceler, the VOX function, and the tone
detector are disabled. The 4-bit ADPCM input data from the input pin
set by CR0-B3 (IOSEL) is output as it is from this pin. The pin gets in a
high impedance state except when the 4-bit ADPCM data is being
output.
Note that the pin is not configured as an 8-bit PCM data output when
CR2-B5 (DTHR1) is set to “1” even if CR2-B7 (CONTA1) is set to “1”.
39
PCMLNO2
O
Hi-Z
PCM data output pin of line echo canceler of channel 2. The PCM
data is output serially starting from MSB, synchronized to the rising
edges of BCLKL and SYNCL. The pin gets in a high impedance state
except when the 8-bit PCM data is being output.
Also during
power-down reset and initial mode, the pin is put in a high impedance.
During an end-to-end 4-bit ADPCM transparent mode defined by
CR3-B5 (DTHR2) set to “1”, this pin is configured as 4-bit ADPCM data
output, and the line echo canceler, the VOX function, and the tone
detector are disabled. The 4-bit ADPCM input data from the input pin
set by CR0-B3 (IOSEL) is output as it is from this pin. The pin gets in a
high impedance state except when the 4-bit ADPCM data is being
output.
Note that the pin is not configured as an 8-bit PCM data output when
CR3-B5 (DTHR2) is set to “1” even if CR3-B7 (CONTA2) is set to “1”.
40
TSTI9
I
I
Input pin for testing. Fix this pin to “0”.
41
PCMLNI1
I
I
PCM data input pin of line echo canceler of channel 1. This PCM input
signal is shifted on the falling edge of BCLKL and is input starting from
MSB. The start of PCM data (MSB) is identified by the rising edge of
SYNCL. When CR2-B5 (DTHR1) is set to “1”, the pin is configured as
a 4-bit ADPCM data input and the input data from this pin is output as
it is to the output pin set by CR0-B3 (IOSEL).
42
PCMLNI2
I
I
PCM data input pin of line echo canceler of channel 2. This PCM input
signal is shifted on the falling edge of BCLKL and is input starting from
MSB. The start of PCM data (MSB) is identified by the rising edge of
SYNCL. When CR3-B5 (DTHR2) is set to “1”, the pin is configured as
a 4-bit ADPCM data input and the input data from this pin is output as
it is to the output pin set by CR0-B3 (IOSEL).
43
PCMACI1
I
I
PCM data input pin of line echo canceler of channel 1. This pin is
enabled when CR0-B3 (IOSEL) is set to “1” and when CR0-B3 is set to
“0”, input to the pin is disabled. When the input is disabled, fix the pin
to “0” or “1”. The PCM input signal is shifted on the rising edge of
BCLKL and is input starting from MSB. The start of PCM data (MSB)
is identified by the rising edge of SYNCL. When CR2-B5 (DTHR1) is
set to “1”, the pin is configured as a 4-bit ADPCM data input and 4-bit
ADPCM data input from the PCMLNO1 is output from this pin as it is.
44
PCMACI2
I
I
PCM data input pin of line echo canceler of channel 2. This pin is
enabled when CR0-B3 (IOSEL) is set to “1” and when CR0-B3 is set to
“0”, input to the pin is disabled. When the input is disabled, fix the pin
to “0” or “1”. The PCM input signal is shifted on the rising edge of
BCLKL and is input starting from MSB. The start of PCM data (MSB)
is identified by the rising edge of SYNCL. When CR3-B5 (DTHR2) is
set to “1”, the pin is configured as a 4-bit ADPCM data input and 4-bit
ADPCM data input from the PCMLNO2 is output from this pin as it is.


Similar Part No. - FEDL7202-001-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
FEDL7204-001DIGEST-01 OKI-FEDL7204-001DIGEST-01 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
LAPIS Semiconductor Co....
FEDL7204-003-01 LAPIS-FEDL7204-003-01 Datasheet
2Mb / 214P
   VoIP CODEC
FEDL7204-003-02 LAPIS-FEDL7204-003-02 Datasheet
2Mb / 214P
   VoIP CODEC
More results

Similar Description - FEDL7202-001-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
   Echo Canceler with ADPCM CODEC
MSM7617 OKI-MSM7617 Datasheet
271Kb / 29P
   2-Channel Echo Canceler
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
   Echo Canceler
MSM7620 OKI-MSM7620 Datasheet
225Kb / 28P
   Echo Canceler
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
OKI electronic componet...
MSM7602 OKI-MSM7602 Datasheet
238Kb / 29P
   Echo Canceler
ML7021 OKI-ML7021 Datasheet
244Kb / 24P
   Echo Canceler
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com