Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN74AVCA164245 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AVCA164245
Description  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AVCA164245 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74AVCA164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES395B – JULY 2002 – REVISED OCTOBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN TYP(3)
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCO – 0.2
IOH = –2 mA,
VI = VIH
1.4 V
1.4 V
1.05
VOH
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.75
IOH = –12 mA,
VI = VIH
3 V
3 V
2.3
IOH = 100 µA,
VI = VIL
1.4 V to 3.6 V
1.4 V to 3.6 V
0.2
IOH = 2 mA,
VI = VIL
1.4 V
1.4 V
0.35
VOL
IOH = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
V
IOH = 8 mA,
VI = VIL
2.3 V
2.3 V
0.55
IOH = 12 mA,
VI = VIL
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.4 V to 3.6 V
3.6 V
±2.5
µA
inputs
A port
0 V
0 to 3.6 V
±10
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 to 3.6 V
0 V
±10
A or B port
OE = VIH
3.6 V
3.6 V
±12.5
VO = VCCO or GND,
IOZ(4)
B port
0 V
3.6 V
±12.5
µA
VI = VIH or VIL
OE = don't care
A port
3.6 V
0 V
±12.5
1.6 V
1.6 V
20
1.95 V
1.95 V
20
2.7 V
2.7 V
30
ICCA
VI = VCCI or GND,
IO = 0
µA
0 V
3.6 V
–40
3.6 V
0 V
40
3.6 V
3.6 V
40
1.6 V
1.6 V
20
1.95 V
1.95 V
20
2.7 V
2.7 V
30
ICCB
VI = VCCI or GND,
IO = 0
µA
0 V
3.6 V
40
3.6 V
0 V
–40
3.6 V
3.6 V
40
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
4
pF
inputs
Cio
A or B port
VO = 3.3 V or GND
3.3 V
3.3 V
5
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
All typical values are at TA = 25°C.
(4)
For I/O ports, the parameter IOZ includes the input leakage current.
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn