Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AVCA164245 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AVCA164245
Description  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AVCA164245 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3)
SN74AVCA164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES395B – JULY 2002 – REVISED OCTOBER 2005
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.4
3.6
V
VCCB
Supply voltage
1.4
3.6
V
1.4 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs
1.95 V to 2.7 V
1.7
V
input voltage
2.7 V to 3.6 V
2
1.4 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.4 V to 1.95 V
VCCA × 0.65
High-level
Control inputs
VIH
1.95 V to 2.7 V
1.7
V
input voltage
(referenced to VCCA)
2.7 V to 3.6 V
2
1.4 V to 1.95 V
VCCA × 0.35
Low-level
Control inputs
VIL
1.95 V to 2.7 V
0.7
V
input voltage
(referenced to VCCA)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.4 V to 1.6 V
–2
1.65 V to 1.95 V
–4
IOH
High-level output current
mA
2.3 V to 2.7 V
–8
3 V to 3.6 V
–12
1.4 V to 1.6 V
2
1.65 V to 1.95 V
4
IOL
Low-level output current
mA
2.3 V to 2.7 V
8
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn