Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL7029-02 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL7029-02
Description  Multifunction ADPCM CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL7029-02 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL7029-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL7029-02 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FEDL7029-04
ML7029
10/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 3.6 V, Ta = –25 to +70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Current
IDD1
Operating Mode No Signal
6.0
12
mA
(VDD = 3.0 V, SYNC = 8 kHz)
IDD2
Power Down Mode
(Input pins are fixed)
0.01
0.1
mA
Input Leakage Current
IIH
VI = VDD
2.0
µA
IIL
VI = 0 V
0.5
µA
Output High Voltage
VOH
IOH = 4 mA
2.4
V
Output Low Voltage
VOL
IOL = –4 mA
0.4
V
Input Capacitance
CIN
5
pF
Analog Interface Characteristics
(VDD= 2.7 to 3.6 V, Ta = –25 to +70C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input Resistance
RIN
AIN–
10
M
Output Load Resistance
RL
GSX, VFRO
20
k
Output Load Capacitance
CL
GSX, VFRO
100
pF
Output Amplitude (*2)
VO1
GSX, VFRO (RL = 20 k)
1.3
VPP
Offset Voltage
VOF
GSX, VFRO
–100
+100
mV
SG Output Voltage
VSG
SG
1.4
V
SG Output Resistance
RSG
SG
40
k
SG Warm-up Time
TSG
SG
AG 10+0.1F
(Rise time to max. 90% level)
700
ms
*2: –7.7 dBm (600
) = 0 dBm0, +3.17 dBm0 = 1.3 VPP


Similar Part No. - FEDL7029-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL7005-01 LAPIS-FEDL7005-01 Datasheet
474Kb / 26P
   DTMF Transceiver
FEDL7037-003-01 LAPIS-FEDL7037-003-01 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
FEDL7037-003-02 LAPIS-FEDL7037-003-02 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
FEDL7037-003-03 LAPIS-FEDL7037-003-03 Datasheet
853Kb / 87P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
FEDL7041-01 LAPIS-FEDL7041-01 Datasheet
381Kb / 28P
   Audio CODEC
More results

Similar Description - FEDL7029-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
OKI electronic componet...
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
   MIDI/ADPCM AUDIO CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com