Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7029 Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7029 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
FEDL7029-04
ML7029
27/29
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact ROHM’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions (reflow
method, temperature and times).
SSOP30-P-56-0.65-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5μm)
Package weight (g)
0.19 TYP.
5
Rev. No./Last Revised
5/Dec. 5, 1996
(Unit: mm)


Similar Part No. - ML7029

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
More results

Similar Description - ML7029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
OKI electronic componet...
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
   MIDI/ADPCM AUDIO CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com