Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML630Q464 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML630Q464
Description  Ultra Low Power 32-bit Microcontroller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML630Q464 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML630Q464 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
FEDL630Q464-01
ML630Q464/Q466
10/37
Pin name
I/O
Description
LSI pin name
Pin mode
Logic
Synchronous serial
SCK0
I/O Synchronous serial (SSIO) clock input/output pin.
P02,P32,P42,P52
3rd
SIN0
I
Synchronous serial (SSIO) data input pin.
P01,P31,P41,P51
3rd
SOUT0
O Synchronous serial (SSIO) data output pin.
P00,P30,P40,P50
3rd
SCKF0
I/O Synchronous serial with FIFO (SSIOF) clock
input/output pin.
P22,P36,P46,P56
3rd
SINF0
I
Synchronous serial with FIFO (SSIOF) data input pin.
P21,P35,P45,P55
3rd
SOUTF0
O Synchronous serial with FIFO (SSIOF) data output pin. P20,P34,P44,P54
3rd
SSF0
I/O Synchronous serial with FIFO (SSIOF) select
input/output pin.
P23,P37,P47,P57
3rd
L
FTM
TMOUT0-9
TMOUTA-F
O FTM output pin.
P02,P03,P22,P23
P32,P33,P36,P37
P42,P43,P46,P47
P52,P53,P56,P57
4th
TMCKI0-7
I
External clock input pin for FTM.
P42,P43,P46,P47
P36,P37,P56,P57
1st
RC oscillation type A/D converter
IN0
I
Oscillation input pin of Channel 0.
P00
2nd
CS0
O Reference capacitor connection pin of Channel 0.
P01
2nd
RS0
O Reference resistor connection pin of Channel 0.
P03
2nd
RT0
O Resistor sensor connection pin for measurement of
Channel 0.
P04
2nd
RCT0
O Resistor/capacitor sensor connection pin of Channel 0
for measurement.
P02
2nd
RCM
O RC oscillation monitor pin.
P05
2nd
IN1
I
Oscillation input pin of Channel 1.
P20
2nd
CS1
O Reference capacitor connection pin of Channel 1.
P21
2nd
RS1
O Reference resistor connection pin of Channel 1.
P22
2nd
RT1
O Resistor sensor connection pin for measurement of
Channel 1.
P23
2nd
Successive approximation type A/D converter
VREF
I
Reference power supply pin for successive
approximation type A/D converter.
VREF
AIN0-11
I
Analog input for successive approximation type A/D
converter.
(AIN0-3) P32-35,
(AIN4-7) P20-23,
(AIN8-11) P00-03
1st
Analog comparator
CMP0P
I
Comparator0 Non-inverted input pin.
P30
1st
CMP0M
I
Comparator0 Inverted input pin.
P31
1st
CMP1P
I
Comparator1 Non-inverted input pin.
P32
1st
CMP1M
I
Comparator1 Inverted input pin.
P33
1st
USB FS Device
DP
I/O USB dev D+ pin.
DP
DM
I/O USB dev D- pin.
DM
PUCTL
O USB dev pull-up control
PUCTL
DEBUG Interface
SWC
I
Serial clock of Serial Wire Debug Port
SWC
SWD
I/O Serial I/O data of Serial Wire Debug Port
SWD


Similar Part No. - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML630Q791 ETC2-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
LAPIS Semiconductor Co....
ML630Q791 LAPIS-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
More results

Similar Description - ML630Q464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
List of Unclassifed Man...
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com