Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL610Q482-02 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # FEDL610Q482-02
Description  8-bit Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

FEDL610Q482-02 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button FEDL610Q482-02 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. FEDL610Q482-02 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
FEDL610Q482-02
ML610Q482/ML610482
10/32
ML610482 Pad Coordinates
Table 2 ML610482 Pad Coordinates
Chip Center: X=0,Y=0
PAD
No.
Pad
Name
X
(µm)
Y
(µm)
PAD
No.
Pad
Name
X
(µm)
Y
(µm)
1
CMPP
-1010
-1110
25
PA0
1025
1110
2
CMPM
-804
-1110
26
PA1
777
1110
3
P00
-704
-1110
27
PA2
653
1110
4
P01
-456
-1110
28
PA3
405
1110
5
P02
-356
-1110
29
PA4
281
1110
6
P03
-108
-1110
30
PA5
33
1110
7
VSS
-8
-1110
31
PA6
-91
1110
8
P24
205
-1110
32
PA7
-339
1110
9
P40
313
-1110
33
VSS
-451
1110
10
P41
641
-1110
34
P20
-659
1110
11
P42
761
-1110
35
P21
-759
1110
12
P43
1009
-1110
36
P22
-1025
1110
13
P44
1100
-842
37
P30
-1100
844
14
P45
1100
-708
38
P31
-1100
691
15
P46
1100
-460
39
P34
-1100
443
16
P47
1100
-356
40
P32
-1100
339
17
TEST
1100
-97
41
P33
-1100
91
18
RESET_N
1100
3
42
P35
-1100
-11
19
NMI
1100
251
43
VDD
-1100
-212
20
44
VDDL
-1100
-312
21
VSS
1100
351
45
VSS
-1100
-434
22
P10
1100
524
46
VDDX
-1100
-574
23
P11
1100
772
47
XT0
-1100
-694
24
VDD
1100
885
48
XT1
-1100
-942
Note: PADNo.20 does not exist.


Similar Part No. - FEDL610Q482-02

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
FEDL610Q409-01 LAPIS-FEDL610Q409-01 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-02 LAPIS-FEDL610Q409-02 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-03 LAPIS-FEDL610Q409-03 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-04 LAPIS-FEDL610Q409-04 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
FEDL610Q409-05 LAPIS-FEDL610Q409-05 Datasheet
426Kb / 34P
   8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - FEDL610Q482-02

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com