Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q794G Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q794G
Description  Sensor Control Hub 8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q794G Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML610Q794G Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610Q794G Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FEDL610Q794-02
ML610Q794G
5/28
List of Pins
PIN
No.
Symbol
Input/output
Polarity
Function
38
AGND
Analog GND
39
AVDD
Analog power supply
36
DGND
Digital IO/core GND
35
DVDD
Digital I/O power supply
34
VDDL
Digital core power supply
(generated by internal regulator)
37
VDDX
Voltage regulator output for 32.768kHz crystal
48
I2C_SPISEL
I
Selects the interface with a host processor
I2C interface when I2C_SPISEL=1
SPI interface when I2C_SPISEL=0
3
SDO_SDA_S
IO
SDA of I2C slave interface when I2C_SPISEL = 1
O
SDO of SPI slave interface when I2C_SPISEL = 0
(This pin becomes Hi-Z except during not output any data. )
17
SDI_SA1_S
I
I2C slave address when I2C_SPISEL = 1
I
SDI of SPI slave interface when I2C_SPISEL = 0
5
SCS_SA0_S
I
I2C slave address when I2C_SPISEL = 1
I
Positive
SCS of SPI slave interface when I2C_SPISEL = 0
4
SCLK_SCL_S
I
SCL of I2C slave interface when I2C_SPISEL = 1
I
SCLK of SPI slave interface when I2C_SPISEL = 0
32
SDA_M
IO
SDA of I2C master interface
33
SCL_M
O
SCL of I2C master interface
6
SDO_M
O
SDO of SPI master interface
19
SDI_M
I
SDI of SPI master interface
7
SCS_M
O
Positive
SCS of SPI master interface
8
SCLK_M
O
SCLK of SPI master interface
40
ADC_IN1
I
Successive ADC input 1
41
ADC_IN0
I
Successive ADC input 0
IO
Primary function: GPIO
10
PC0_INT_S
O
Negative
Secondary function: Interrupt output for host interface
2
PC1
IO
GPIO
IO
Primary function: GPIO
11
PC2_RXD0
I
Secondary function: RXD of Asynchronous SIO
IO
Primary function: GPIO
12
PC3_TXD0
O
Secondary function: TXD of Asynchronous SIO
18
PC4
IO
GPIO
16
PA0_EXI00
IO
GPIO/external interrupt input
31
PA1_EXI01
IO
GPIO/external interrupt input
20
PA2_EXI02
IO
GPIO/external interrupt input
30
PA3_EXI03
IO
GPIO/external interrupt input
21
PA4_EXI04
IO
GPIO/external interrupt input
29
PA5_EXI05
IO
GPIO/external interrupt input
28
PA6_EXI06
IO
GPIO/external interrupt input
27
PA7_EXI07
IO
GPIO/external interrupt input
26
PB0_EXI08
IO
GPIO/external interrupt input
25
PB1_EXI09
IO
GPIO/external interrupt input
22
PB2_EXI10
IO
GPIO/external interrupt input
23
PB3_EXI11
IO
GPIO/external interrupt input


Similar Part No. - ML610Q794G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results

Similar Description - ML610Q794G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
ML610Q793 ETC2-ML610Q793 Datasheet
527Kb / 24P
   8-bit Microcontroller for Sensor Control
logo
LAPIS Semiconductor Co....
ML610Q793 LAPIS-ML610Q793 Datasheet
444Kb / 24P
   8-bit Microcontroller for Sensor Control
ML630Q791 LAPIS-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
List of Unclassifed Man...
ML630Q791 ETC2-ML630Q791 Datasheet
569Kb / 25P
   32-bit Microcontroller for Sensor Control
logo
Integral Corp.
YKP1568VG5 INTEGRAL-YKP1568VG5 Datasheet
145Kb / 2P
   8 - BIT MICROCONTROLLER FOR REMOTE CONTROL TRANSMITTERS
logo
Intel Corporation
80C51FA INTEL-80C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com